Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV2803/AHA Datasheet(PDF) 12 Page - Microchip Technology

Part # HV2803/AHA
Description  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2803/AHA Datasheet(HTML) 12 Page - Microchip Technology

Back Button HV2803/AHA Datasheet HTML 8Page - Microchip Technology HV2803/AHA Datasheet HTML 9Page - Microchip Technology HV2803/AHA Datasheet HTML 10Page - Microchip Technology HV2803/AHA Datasheet HTML 11Page - Microchip Technology HV2803/AHA Datasheet HTML 12Page - Microchip Technology HV2803/AHA Datasheet HTML 13Page - Microchip Technology HV2803/AHA Datasheet HTML 14Page - Microchip Technology HV2803/AHA Datasheet HTML 15Page - Microchip Technology HV2803/AHA Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
HV2803/HV2903/HV2904
DS20005721C-page 12
 2017-2019 Microchip Technology Inc.
3.0
TEST CIRCUIT EXAMPLES
This section details a few examples of test circuits.
FIGURE 3-1:
Switch-Off Leakage per
Switch.
FIGURE 3-2:
Switch-Off Bias per Switch.
FIGURE 3-3:
Switch DC Offset.
FIGURE 3-4:
TON/TOFF Test Circuit.
FIGURE 3-5:
Tx Pulse Width.
FIGURE 3-6:
Off Isolation.
RGND
VSS
VLL
VDD
VSS
VLL
100V
0V
-100V
0V
or
VDD
GND
ISOL
Open
RGND
VSS
VLL
VDD
VSS
VLL
100V
0V
-100V
0V
or
VDD
GND
ISOB
VOUT
RGND
VDD
VSS
VDD
VSS
100 k
VLL
VLL
RGND
VDD
VSS
VDD
VSS
550
5V
VLL
VLL
RGND
VDD
VSS
VDD
VSS
330 pF
2.5 k
tpw
VLL
VLL
100V
0V
-100V
0V
or
tpw
VPULSE
VIN = 10VP-P
@5 MHz
VOUT
VIN
VOUT
RGND
VDD
VSS
VDD
VSS
VLL
VLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com