Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV2803/AHA Datasheet(PDF) 16 Page - Microchip Technology

Part # HV2803/AHA
Description  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2803/AHA Datasheet(HTML) 16 Page - Microchip Technology

Back Button HV2803/AHA Datasheet HTML 12Page - Microchip Technology HV2803/AHA Datasheet HTML 13Page - Microchip Technology HV2803/AHA Datasheet HTML 14Page - Microchip Technology HV2803/AHA Datasheet HTML 15Page - Microchip Technology HV2803/AHA Datasheet HTML 16Page - Microchip Technology HV2803/AHA Datasheet HTML 17Page - Microchip Technology HV2803/AHA Datasheet HTML 18Page - Microchip Technology HV2803/AHA Datasheet HTML 19Page - Microchip Technology HV2803/AHA Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
HV2803/HV2903/HV2904
DS20005721C-page 16
 2017-2019 Microchip Technology Inc.
5.0
DETAILED DESCRIPTION AND
APPLICATION INFORMATION
5.1
Device Overview
The HV2803/HV2903/HV2904 devices are low harmonic
distortion, low charge injection, 32-channel, high-voltage
analog switches that do not require high-voltage
supplies.
The devices require only ±6V or ±5V low-voltage supplies.
However, all the analog switches can transmit ±100V
high-voltage pulses with typical 10
 on-resistance and
50 MHz bandwidth for small signals.
The HV2803/HV2903/HV2904 devices are distin-
guished by bleed resistors that eliminate voltage
build-up in capacitance loads, such as piezoelectric
transducers. The devices have two digital logics and
controls for two Switch Control modes: Individual
Switching mode and Bank Switching mode.
Figure 5-1 shows a typical medical ultrasound imaging
system, comprising 64 channels of transmit pulsers,
64 channels of receivers (LNA and ADC) and 64 chan-
nels of T/R switches, connecting to 192 elements of an
ultrasound probe via an HV2XXX high-voltage analog
switch array.
FIGURE 5-1:
Typical Medical Ultrasound Imaging System.
ADC
ADC
ADC
FPGA Control Logic
VIDEO
CPU
MEMORY
Tx
Rx
T/R
Switch
T/R
Switch
Rx
Tx
Tx
Rx
T/R
Switch
CH64
CH2
CH1
PZT Array
HV 2XXX SW Array
Tx/Rx Array
E1
E65
E192
E128
E129
E2
E66
E130
E64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com