Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V86UT-E/LTY Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6V86UT-E/LTY
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V86UT-E/LTY Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6V86UT-E/LTY Datasheet HTML 2Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 3Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 4Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 5Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 6Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 7Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 8Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 9Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MCP6V86/6U/7/9
DS20006398A-page 6
 2020 Microchip Technology Inc.
1.3
Timing Diagrams
FIGURE 1-1:
Amplifier Start-up.
FIGURE 1-2:
Offset Correction Settling
Time.
FIGURE 1-3:
Output Overdrive Recovery.
1.4
Test Circuits
The circuits used for most DC and AC tests are shown
in Figures 1-4 and 1-5. Lay the bypass capacitors out
as discussed in Section 4.3.9 “Supply Bypassing
and Filtering”. RN is equal to the parallel combination
of RF and RG to minimize bias current effects.
FIGURE 1-4:
AC and DC Test Circuit for
Most Noninverting Gain Conditions.
FIGURE 1-5:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
The circuit in Figure 1-6 tests the input’s dynamic
behavior (i.e., IMD, tSTR, tSTL and tODR). The potentio-
meter balances the resistor network (VOUT should equal
VREF at DC). The op amp’s Common-mode input volt-
age is VCM = VIN/2. The error at the input (VERR)
appears at VOUT with a noise gain of 10 V/V.
FIGURE 1-6:
Test Circuit for Dynamic
Input Behavior.
VDD
VOUT
1.001(VDD/3)
0.999(VDD/3)
tSTR
0V
2.2V to 5.5V
2.2V
VIN
VOS
VOS +100 µV
VOS –100 µV
tSTL
VIN
VOUT
VDD
VSS
tODR
tODR
VDD/2
VDD
RG
RF
RN
VOUT
VIN
VDD/3
1µF
CL
RL
VL
100 nF
RISO
MCP6V8X
+
–
VDD
RG
RF
RN
VOUT
VDD/3
VIN
1µF
CL
RL
VL
100 nF
RISO
MCP6V8X
+
–
VDD
VOUT
1µF
CL
VL
RISO
11.0 kΩ
249Ω
11.0 kΩ
500Ω
VIN
VREF =VDD/3
0.1%
0.1%
25 turn
100 kΩ
100 kΩ
0.1%
0.1%
RL
0 Ω
30 pF
Open
100 nF
1%
MCP6V8X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com