Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V86UT-E/LTY Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6V86UT-E/LTY
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V86UT-E/LTY Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6V86UT-E/LTY Datasheet HTML 3Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 4Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 5Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 6Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 7Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 8Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 9Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 10Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 7
MCP6V86/6U/7/9
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.2V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL =30pF.
2.1
DC Input Precision
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage
Quadratic Temperature Coefficient.
FIGURE 2-4:
Input Offset Voltage vs.
Power Supply Voltage with VCM =VCML.
FIGURE 2-5:
Input Offset Voltage vs.
Power Supply Voltage with VCM =VCMH.
FIGURE 2-6:
Input Offset Voltage vs.
Output Voltage with VDD =2.2V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
5%
10%
15%
20%
25%
30%
-5
-4
-3
-2
-1
012345
Input Offset Voltage (µV)
28 Samples
T
A =
25ºC
MCP6V8
V
DD = 2.2V
V
DD = 5.5V
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
-12 -10 -8 -6 -4 -2
02468 10 12
Input Offset Voltage Drift; TC
1 (nV/°C)
28 Samples
T
A = -40°C to +125°C
MCP6V8
V
DD = 2.2V
V
DD = 5.5V
0%
5%
10%
15%
20%
25%
30%
35%
40%
-100 -80 -60 -40 -20
0
20
40
60
80 100
Input Offset Voltage's Quadratic Temp Co;
TC
2 (pV/°C
2)
28 Samples
T
A = -40°C to +125°C
MCP6V8
V
DD = 2.2V
V
DD = 5.5V
-4
-3
-2
-1
0
1
2
3
4
00.5 11.5 22.5 33.5 44.5 55.5 6
Power Supply Voltage (V)
Representative Part
V
CM = VCML
T
A = +85°C
T
A = +25°C
T
A = -40°C
T
A = +125°C
-4
-3
-2
-1
0
1
2
3
4
00.5 11.5 22.5 33.5 44.5 55.5 6
Power Supply Voltage (V)
Representative Part
V
CM = VCMH
T
A = +25°C
T
A = +85°C
T
A = +125°C
T
A = -40°C
-8
-6
-4
-2
0
2
4
6
8
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
Output Voltage (V)
Representative Part
V
DD = 2.2V
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com