Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V86UT-E/LTY Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6V86UT-E/LTY
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V86UT-E/LTY Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6V86UT-E/LTY Datasheet HTML 4Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 5Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 6Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 7Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 8Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 9Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 10Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 11Page - Microchip Technology MCP6V86UT-E/LTY Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MCP6V86/6U/7/9
DS20006398A-page 8
 2020 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.2V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL =30pF.
FIGURE 2-7:
Input Offset Voltage vs.
Output Voltage with VDD =5.5V.
FIGURE 2-8:
Input Offset Voltage vs.
Common-Mode Voltage with VDD =2.2V.
FIGURE 2-9:
Input Offset Voltage vs.
Common-Mode Voltage with VDD =5.5V.
FIGURE 2-10:
CMRR and PSRR vs.
Ambient Temperature.
FIGURE 2-11:
DC Open-Loop Gain vs.
Ambient Temperature.
FIGURE 2-12:
Input Bias and Offset
Currents vs. Common-Mode Input Voltage with
TA = +85°C.
-8
-6
-4
-2
0
2
4
6
8
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
Representative Part
V
DD = 5.5V
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
-8
-6
-4
-2
0
2
4
6
8
-0.5 -0.2 0.1 0.4 0.7 1.0 1.3 1.6 1.9 2.2 2.5
Common-Mode Input Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
V
DD = 2.2V
Representative Part
-8
-6
-4
-2
0
2
4
6
8
Common-Mode Input Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
V
DD = 5.5V
Representative Part
110
120
130
140
150
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR
CMRR at V
DD = 5.5V
at V
DD = 2.2V
120
130
140
150
160
170
180
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 5.5V
V
DD = 2.2V
-500
-400
-300
-200
-100
0
100
200
300
400
500
Input Common-Mode Voltage (V)
Input Bias Current
Input Offset Current
V
DD = 5.5 V
T
A = +85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com