Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V87-E/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP6V87-E/MS
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V87-E/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP6V87-E/MS Datasheet HTML 18Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 19Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 20Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 21Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 22Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 23Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
MCP6V86/6U/7/9
DS20006398A-page 22
 2020 Microchip Technology Inc.
4.3.3
SOURCE RESISTANCES
The input bias currents have two significant
components: switching glitches that dominate at room
temperature and below, and input ESD diode leakage
currents that dominate at +85°C and above.
Make the resistances seen by the inputs small and
equal. This minimizes the output offset caused by the
input bias currents.
The inputs should see a resistance on the order of 10Ω
to 1 kΩ at high frequencies (i.e., above 1 MHz). This
helps minimize the impact of switching glitches, which
are very fast, on overall performance. In some cases, it
may be necessary to add resistors in series with the
inputs to achieve this improvement in performance.
Small input resistances may be needed for high gains.
Without them, parasitic capacitances might cause
positive feedback and instability.
4.3.4
SOURCE CAPACITANCE
The capacitances seen by the two inputs should be
small. Large input capacitances and source resis-
tances, together with high gain, can lead to positive
feedback and instability.
4.3.5
CAPACITIVE LOADS
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase mar-
gin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. These zero-drift op amps have a different
output impedance than most op amps due to their
unique topology.
When driving a capacitive load with these op amps, a
series resistor at the output (RISO in Figure 4-7)
improves the feedback loop’s phase margin (stability)
by making the output load resistive at higher frequen-
cies. The bandwidth will be generally lower than the
bandwidth with no capacitive load.
FIGURE 4-7:
Output Resistor, RISO,
Stabilizes Capacitive Loads.
Figure 4-8 gives recommended RISO values for different
capacitive loads and gains. The x-axis is the Load
Capacitance (CL). The y-axis is the resistance (RISO).
GN is the circuit’s Noise Gain. For noninverting gains,
GN and the Signal Gain are equal. For inverting gains,
GN is 1+|Signal Gain| (e.g., -1 V/V gives GN =+2V/V).
FIGURE 4-8:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double check the
resulting frequency response peaking and step
response overshoot. Modify the RISO value until the
response is reasonable. Bench evaluation is helpful.
4.3.6
STABILIZING OUTPUT LOADS
This family of zero-drift op amps has an output
impedance that has a double zero when the gain is low
(see Figures 2-28 and 2-29). This can cause a large
phase shift in feedback networks that have low-
impedance near the part’s bandwidth. This large phase
shift can cause stability problems.
Figure 4-9 shows that the load on the output is:
(RL +RISO)||(RF + RG), where RISO is before the load
(like Figure 4-7). This load needs to be large enough to
maintain stability; it should be at least 10 kΩ.
FIGURE 4-9:
Output Load.
RISO
CL
VOUT
U1
MCP6V86
–
+
1
10
100
1000
10000
Normalized Load Capacitance; C
L/√
√G
N (F)
G
N:
1 V/V
10 V/V
100 V/V
V
DD = 5.5 V
R
L = 10 k
1p
10p
100p
1n
10n
100n
1µ
RG
RF
VOUT
U1
MCP6V86
RL
CL
–
+
RISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com