Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V87-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6V87-E/MS
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V87-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6V87-E/MS Datasheet HTML 13Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 14Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 15Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 16Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 17Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 18Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 19Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 20Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 17
MCP6V86/6U/7/9
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Analog Outputs (VOUT, VOUTA,
VOUTB, VOUTC, VOUTD)
The analog output pins are low-impedance voltage
sources.
3.2
Analog Inputs (VIN-, VIN+, VINB+,
VINB-, VINC-, VINC+, VIND+, VIND-)
The noninverting and inverting inputs are high-impedance
CMOS inputs with low bias currents.
3.3
Power Supply Pins (VDD, VSS)
The positive power supply (VDD) is 2.2V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
3.4
Exposed Thermal Pad (EP)
There is an internal connection between the exposed
thermal pad (EP) and the VSS pin; it must be connected
to the same potential on the Printed Circuit Board
(PCB).
This pad can be connected to a PCB ground plane to
provide a larger heat sink. This improves the package
thermal resistance (θJA).
TABLE 3-1:
PIN FUNCTION TABLE
MCP6V86 MCP6V86U
MCP6V87
MCP6V89
Symbol
Description
SOT-23
SOT-23,
SC70
2x3 TDFN
MSOP
TSSOP
1
411
1
VOUT
Output
4
322
2
VIN-
Inverting Input
3
133
3
VIN+
Noninverting Input
5
588
4
VDD
Positive Power Supply
——
5
5
5
VINB+
Noninverting Input (Op Amp B)
——
6
6
6
VINB-
Inverting Input (Op Amp B)
——
7
7
7
VOUTB
Output (Op Amp B)
——
—
—
8
VOUTC
Output (Op Amp C)
——
—
—
9
VINC-
Inverting Input (Op Amp C)
——
—
—
10
VINC+
Noninverting Input (Op Amp C)
2
244
11
VSS
Negative Power Supply
——
—
—
12
VIND+
Noninverting Input (Op Amp D)
——
—
—
13
VIND-
Inverting Input (Op Amp D)
——
—
—
14
VOUTD
Output (Op Amp D)
—
—
9
—
—
EP
Exposed Thermal Pad (EP);
must be connected to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com