Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V87-E/MS Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6V87-E/MS
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V87-E/MS Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6V87-E/MS Datasheet HTML 27Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 28Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 29Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 30Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 31Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 32Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 33Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 34Page - Microchip Technology MCP6V87-E/MS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 31
MCP6V86/6U/7/9
0.15 C
0.15 C
0.10
C A B
C
SEATING
PLANE
1
3
4
2X
TOP VIEW
SIDE VIEW
Microchip Technology Drawing C04-061-LTY Rev E Sheet 1 of 2
2X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
5-Lead Plastic Small Outline Transistor (LTY) [SC70]
D
E
E1
e
e
5X b
0.30 C
5X TIPS
END VIEW
B
A
N
A
A1
A2
L
c
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com