Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-TS101S Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-TS101S
Description  Embedded Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 9Page - Analog Devices ADSP-TS101S Datasheet HTML 10Page - Analog Devices ADSP-TS101S Datasheet HTML 11Page - Analog Devices ADSP-TS101S Datasheet HTML 12Page - Analog Devices ADSP-TS101S Datasheet HTML 13Page - Analog Devices ADSP-TS101S Datasheet HTML 14Page - Analog Devices ADSP-TS101S Datasheet HTML 15Page - Analog Devices ADSP-TS101S Datasheet HTML 16Page - Analog Devices ADSP-TS101S Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
–13–
REV. A
ADSP-TS101S
MS1–02
O/T (pu
3)
nc
Memory Select.
MS0 or MS1 is asserted whenever the DSP accesses memory
banks 0 or 1, respectively.
MS1–0 are decoded memory address pins that
change concurrently with ADDR pins. When ADDR31:26 = 0b000010,
MS0
is asserted. When ADDR31:26 = 0b000011,
MS1 is asserted. In multipro-
cessor systems, the master DSP drives
MS1–0.
MSH2
O/T (pu
3)
nc
Memory Select Host.
MSH is asserted whenever the DSP accesses the host
address space (ADDR31:28
≠ 0b0000). MSH is a decoded memory address
pin that changes concurrently with ADDR pins. In a multiprocessor system,
the bus master DSP drives
MSH.
BRST2
I/O/T
(pu
3)
nc
Burst. The current bus master (DSP or host) asserts this pin to indicate that
it is reading or writing data associated with consecutive addresses. A slave
device can ignore addresses after the first one and increment an internal
address counter after each transfer. For host-to-DSP burst accesses, the DSP
increments the address automatically while
BRST is asserted.
1 The address and data buses may float for several cycles during bus mastership transitions between a TigerSHARC processor and a host. Floating in this
case means that these inputs are not driven by any source and that dc-biased terminations are not present. It is not necessary to add pull-ups as there are
no reliability issues and the worst-case power consumption for these floating inputs is negligible. Unconnected address pins may require pull-ups or pull-
downs to avoid erroneous slave accesses, depending on the system. Unconnected data pins may be left floating.
2 The internal pull-up may not be sufficient. A stronger pull-up may be necessary.
3 See ELECTRICAL CHARACTERISTICS on Page 19 for maximum and minimum current consumption for pull-up and pull-down resistances.
4 The internal pull-down may not be sufficient. A stronger pull-down may be necessary.
Table 6. Pin Definitions—External Port Arbitration
Signal
Type
Term
Description
BR7–0
I/O
epu
Multiprocessing Bus Request Pins. Used by the DSPs in a multiprocessor
system to arbitrate for bus mastership. Each DSP drives its own
BRx line
(corresponding to the value of its ID2–0 inputs) and monitors all others. In
systems with fewer than eight DSPs, set the unused
BRx pins high.
ID2–0
1
I (pd
2)
au
Multiprocessor ID. Indicates the DSP’s ID. From the ID, the DSP determines
its order in a multiprocessor system. These pins also indicate to the DSP which
bus request (
BR0–BR7) to assert when requesting the bus: 000 = BR0,
001 =
BR1, 010 = BR2, 011 = BR3, 100 = BR4, 101 = BR5, 110 = BR6, or
111 =
BR7. ID2–0 must have a constant value during system operation and
can change during reset only.
BM1
O (pd
2)
au
Bus Master. The current bus master DSP asserts
BM. For debugging only. At
reset this is a strap pin. For more information, see Table 16 on Page 18.
BOFF
I
epu
Back Off. A deadlock situation can occur when the host and a DSP try to read
from each other’s bus at the same time. When deadlock occurs, the host can
assert
BOFF to force the DSP to relinquish the bus before completing its
outstanding transaction, but only if the outstanding transaction is to host
memory space (
MSH).
BUSLOCK3
O/T (pu
2)
nc
Bus Lock Indication. Provides an indication that the current bus master has
locked the bus.
HBR
I
epu
Host Bus Request. A host must assert
HBR to request control of the DSP’s
external bus. When
HBR is asserted in a multiprocessing system, the bus
master relinquishes the bus and asserts
HBG once the outstanding transaction
is finished.
Type column symbols: A = Asynchronous; G = Ground; I = Input; O = Output; o/d = Open drain output; P = Power supply;
pd = Internal pull-down approximately 100 k
Ω; pu = Internal pull-up approximately 100 kΩ; T = Three-state
Term (for termination) column symbols: epd = External pull-down approximately 10 k
Ω to VSS; epu = External pull-up approximately 10 kΩ to VDD-IO
nc = Not connected; au = Always used.
Table 5. Pin Definitions—External Port Bus Controls (continued)
Signal
Type
Term
Description
Type column symbols: A = Asynchronous; G = Ground; I = Input; O = Output; o/d = Open drain output; P = Power supply;
pd = Internal pull-down approximately 100 k
Ω; pu = Internal pull-up approximately 100 kΩ; T = Three-state
Term (for termination) column symbols: epd = External pull-down approximately 10 k
Ω to VSS; epu = External pull-up approximately 10 kΩ to VDD-IO
nc = Not connected; au = Always used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com