Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-TS101S Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-TS101S
Description  Embedded Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 2 Page - Analog Devices

  ADSP-TS101S Datasheet HTML 1Page - Analog Devices ADSP-TS101S Datasheet HTML 2Page - Analog Devices ADSP-TS101S Datasheet HTML 3Page - Analog Devices ADSP-TS101S Datasheet HTML 4Page - Analog Devices ADSP-TS101S Datasheet HTML 5Page - Analog Devices ADSP-TS101S Datasheet HTML 6Page - Analog Devices ADSP-TS101S Datasheet HTML 7Page - Analog Devices ADSP-TS101S Datasheet HTML 8Page - Analog Devices ADSP-TS101S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ADSP-TS101S
–2–
REV. A
TABLE OF CONTENTS
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . 2
Dual Compute Blocks . . . . . . . . . . . . . . . . . . . . . . . . 3
Data Alignment Buffer (DAB) . . . . . . . . . . . . . . . . . . 4
Dual Integer ALUs (IALUs) . . . . . . . . . . . . . . . . . . . 4
Program Sequencer . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Interrupt Controller . . . . . . . . . . . . . . . . . . . . . . . . 4
Flexible Instruction Set . . . . . . . . . . . . . . . . . . . . . 4
On-Chip SRAM Memory . . . . . . . . . . . . . . . . . . . . . 5
External Port
(Off-Chip Memory/Peripherals Interface) . . . . . . 5
Host Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Multiprocessor Interface . . . . . . . . . . . . . . . . . . . . . 5
SDRAM Controller . . . . . . . . . . . . . . . . . . . . . . . . 6
EPROM Interface . . . . . . . . . . . . . . . . . . . . . . . . . 6
DMA Controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Link Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Timer and General-Purpose I/O . . . . . . . . . . . . . . . . 8
Reset and Booting . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Low Power Operation . . . . . . . . . . . . . . . . . . . . . . . . 8
Clock Domains . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Output Pin Drive Strength Control . . . . . . . . . . . . . . 9
Power Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Filtering Reference Voltage and Clocks . . . . . . . . . . . 9
Development Tools . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Designing an Emulator-Compatible DSP
Board (Target) . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Additional Information . . . . . . . . . . . . . . . . . . . . . . 11
PIN FUNCTION DESCRIPTIONS . . . . . . . . . . . . . 11
Pin States at Reset . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Pin Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
STRAP PIN FUNCTION DESCRIPTIONS . . . . . . . 18
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . 19
ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . 20
ESD SENSITIVITY . . . . . . . . . . . . . . . . . . . . . . . . 20
TIMING SPECIFICATIONS . . . . . . . . . . . . . . . . 21
General AC Timing . . . . . . . . . . . . . . . . . . . . . . . 21
Link Ports Data Transfer
and Token Switch Timing . . . . . . . . . . . . . . . . . 28
Output Drive Currents . . . . . . . . . . . . . . . . . . . . . . 31
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Output Disable Time . . . . . . . . . . . . . . . . . . . . . . 32
Output Enable Time . . . . . . . . . . . . . . . . . . . . . . 32
Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . 33
Environmental Conditions . . . . . . . . . . . . . . . . . . . . 35
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . 35
484-BALL PBGA PIN CONFIGURATIONS . . . . . . 36
625-BALL PBGA PIN CONFIGURATIONS . . . . . . 39
OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . 42
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . 43
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
GENERAL DESCRIPTION
The ADSP-TS101S TigerSHARC processor is an ultra high per-
formance, static superscalar processor optimized for large signal
processing tasks and communications infrastructure. The DSP
combines very wide memory widths with dual computation
blocks—supporting 32- and 40-bit floating-point and 8-, 16-,
32-, and 64-bit fixed-point processing—to set a new standard of
performance for digital signal processors. The TigerSHARC pro-
cessor’s static superscalar architecture lets the processor execute
up to four instructions each cycle, performing twenty-four 16-bit
fixed-point operations or six floating-point operations.
Three independent 128-bit wide internal data buses, each
connecting to one of the three 2M bit memory banks, enable
quad word data, instruction, and I/O accesses and provide
14.4G bytes per second of internal memory bandwidth.
Operating at 300 MHz, the ADSP-TS101S processor’s core has
a 3.3 ns instruction cycle time. Using its Single-Instruction,
Multiple-Data (SIMD) features, the ADSP-TS101S can
perform 2.4 billion 40-bit MACs or 600 million 80-bit MACs
per second. Table 1 and Table 2 show the DSP’s performance
benchmarks.
The ADSP-TS101S is code compatible with the other Tiger-
SHARC processors.
Table 1. General-Purpose Algorithm Benchmarks
at 300 MHz
Benchmark
Speed
Clock
Cycles
32-bit Algorithm, 600 million MACs/s peak performance
1024 Point Complex FFT (Radix
2)
32.78 µs
9,835
50-tap FIR on 1024 input
91.67 µs
27,500
Single FIR MAC
1.83 ns
0.55
16-bit Algorithm, 2.4 billion MACs/s peak performance
256 Point Complex FFT (Radix 2) 3.67 µs
1,100
50-tap FIR on 1024 input
24.0 µs
7,200
Single FIR MAC
0.47 ns
0.14
Single Complex FIR MAC
1.9 ns
0.57
I/O DMA Transfer Rate
External port
800M bytes/s n/a
Link ports (each)
250M bytes/s n/a
Table 2. 3G Wireless Algorithm Benchmarks
Benchmark
Execution
(MIPS)
1
1 The Execution Speed is in Instruction Cycles Per Second.
Turbo Decode
384 kbps Data Channel
51 MIPS
Viterbi Decode
12.2 kbps AMR
2 Voice Channel
2 Adaptive Multi Rate (AMR)
0.86 MIPS
Complex Correlation
3.84 Mcps
3 with a Spreading Factor of 256
3 Megachips per second (Mcps)
0.27 MIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com