Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-TS101S Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-TS101S
Description  Embedded Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 17Page - Analog Devices ADSP-TS101S Datasheet HTML 18Page - Analog Devices ADSP-TS101S Datasheet HTML 19Page - Analog Devices ADSP-TS101S Datasheet HTML 20Page - Analog Devices ADSP-TS101S Datasheet HTML 21Page - Analog Devices ADSP-TS101S Datasheet HTML 22Page - Analog Devices ADSP-TS101S Datasheet HTML 23Page - Analog Devices ADSP-TS101S Datasheet HTML 24Page - Analog Devices ADSP-TS101S Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
–21–
REV. A
ADSP-TS101S
TIMING SPECIFICATIONS
With the exception of Link Port,
IRQ3–0, DMAR3–0, TMR0E,
FLAG3–0 (input), and
TRST pins, all ac timing for the ADSP-
TS101S is relative to a reference clock edge. Because input
setup/hold, output valid/hold, and output enable/disable times
are relative to a clock edge, the timing data for the ADSP-TS101S
has few calculated (formula-based) values. For information on
ac timing, see General AC Timing. For information on link port
transfer timing, see Link Ports Data Transfer and Token Switch
Timing on Page 28.
General AC Timing
Timing is measured on signals when they cross the 1.5 V level as
described in Figure 9 on Page 27. All delays (in nanoseconds)
are measured between the point that the first signal reaches 1.5 V
and the point that the second signal reaches 1.5 V.
The ac asynchronous timing data for the
IRQ3–0, DMAR3–0,
TMR0E, FLAG3–0 (input), and
TRST pins appears in
Table 17.
The general ac timing data appears in Table 18, Table 22, and
Table 23. All ac specifications are measured with the load
specified in Figure 24 on Page 33, and with the output drive
strength set to strength 4. In order to calculate the output valid
and hold times for different load conditions and/or output drive
strengths, refer to Figure 25 on Page 33 through Figure 32 on
Page 34 (Rise and Fall Time vs. Load Capacitance) and
Figure 33 on Page 34 (Output Valid vs. Load Capacitance and
Drive Strength).
Table 17. AC Asynchronous Signal Specifications—All values in this table are in nanoseconds
Name
Description
Pulsewidth Low (min)
Pulsewidth High (min)
IRQ3–01
Interrupt request input
tCCLK + 3 ns
DMAR3–01
DMA request input
tCCLK + 4 ns
tCCLK + 4 ns
TMR0E
Timer 0 expired output
4
× t
SCLK ns
FLAG3–0
1, 2
Flag pins input
3
× t
CCLK ns
3
× t
CCLK ns
TRST
JTAG test reset input
1 ns
1 These input pins do not need to be synchronized to a clock reference.
2 For output specifications, see Table 22 and Table 23.
Table 18. Reference Clocks
Signal
Type
Description
Speed
Grade
(MHz)
Clock
Cycle
Min (ns)
Clock
Cycle
Max (ns)
Clock
High
Min (ns)
Clock
Low
Min (ns)
Input
Jitter
1
Tolerance
(ps)
CCLK
2, 3
Core Clock
250
4.0
12.5
CCLK
2, 3
Core Clock
300
3.3
12.5
LCLK_P
4, 5, 6, 7
Input Local Clock
250
Greater of 10
or CR
× 4.0
CR
× 12.5
{40% to 60%
Duty Cycle}
100
LCLK_P
4, 5,6,7
Input Local Clock
300
Greater of 10
or CR
× (10÷3)
CR
× 12.5
{40% to 60%
Duty Cycle}
100
SCLK_P
5,7, 8, 9
Input System Clock,
SCLKFREQ = 1
All
Greater of 10
or CCLK
× 2
25
{40% to 60%
Duty Cycle}
100
TCK
10
Input Test Clock (JTAG)
All
Greater of 30
or CCLK
× 4
12.5
12.5
1 Actual input jitter should be combined with ac specifications for accurate timing analysis.
2 CCLK is the internal DSP clock or instruction cycle time. The period of this clock is equal to the Local Clock (LCLK_P) period divided by the Local
Clock Ratio (LCLKRAT2–0). For information on available internal DSP clock rates, see the ORDERING GUIDE on Page 43.
3 The period of CCLK is tCCLK.
4 The Core Clock Ratio (CR) is 2, 2.5, 3, 3.5, 4, 5, or 6 as set by the LCLKRAT2–0 pins. For more information, see Table 4 on Page 11.
5 See Clock Domains on Page 9.
6 The period of LCLK is tLCLK.
7 LCLK_P and SCLK_P must be connected to the same source.
8 For more information, see Table 3 on Page 11.
9 The period of SCLK is tSCLK.
10The period of TCK is tTCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com