Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS24C01B-2PI Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS24C01B-2PI
Description  1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C01B-2PI Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS24C01B-2PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
13
Rev. A
04/12/06
IS24C01B
IS24C02B
ISSI®
DC ELECTRICAL CHARACTERISTICS
Industrial (TA = -40oC to +85oC), Automotive (TA = -40oC to +125oC)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOL1
Output Low Voltage
VCC = 1.8V, IOL = 0.15 mA
—
0.2
V
VOL2
Output Low Voltage
VCC = 2.5V, IOL = 3 mA
—
0.4
V
VIH
Input High Voltage
VCC X 0.7 VCC + 0.5
V
VIL
Input Low Voltage
–1.0
VCC X 0.3
V
ILI
Input Leakage Current
VIN = VCC max.
—
3
µA
ILO
Output Leakage Current
—
3
µA
POWER SUPPLY CHARACTERISTICS
Industrial (TA = -40oC to +85oC), Automotive (TA = -40oC to +125oC)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating Current
Read at 400 KHz (Vcc = 5V)
—
2.0
mA
ICC2
Vcc Operating Current
Write at 400 KHz (Vcc = 5V)
—
3.0
mA
ISB1
Standby Current
Vcc = 1.8V
—
1
µA
ISB2
Standby Current
Vcc = 2.5V
—
2
µA
ISB3
Standby Current
Vcc = 5.0V
—
6
µA
Notes: VIL min and VIH max are reference only and are not tested.
AC ELECTRICAL CHARACTERISTICS
Industrial (TA = -40oC to +85oC)
1.8V
≤≤≤≤≤ Vcc < 2.5V
2.5V
≤≤≤≤≤ Vcc < 4.5V
4.5V
≤≤≤≤≤ Vcc ≤≤≤≤≤ 5.5V(1)
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fSCL
SCL Clock Frequency
0
100
0
400
0
1000
KHz
T
Noise Suppression Time(1)
—
100
—
50
—
50
ns
tLow
Clock Low Period
4.7
—
1.2
—
0.6
—
µs
tHigh
Clock High Period
4
—
0.6
—
0.4
—
µs
tBUF
Bus Free Time Before New Transmission(1) 4.7
—
1.2
—
0.5
—
µs
tSU:STA
Start Condition Setup Time
4
—
0.6
—
0.25
—
µs
tSU:STO
Stop Condition Setup Time
4
—
0.6
—
0.25
—
µs
tHD:STA
Start Condition Hold Time
4
—
0.6
—
0.25
—
µs
tHD:STO
Stop Condition Hold Time
4
—
0.6
—
0.25
—
µs
tSU:DAT
Data In Setup Time
100
—
100
—
100
—
ns
tHD:DAT
Data In Hold Time
0
—
0
—
0
—
ns
tSU:WP
WP pin Setup Time
4
—
0.6
—
0.6
—
µs
tHD:WP
WP pin Hold Time
4.7
—
1.2
—
1.2
—
µs
tDH
Data Out Hold Time
100
—
50
—
50
—
ns
(SCL Low to SDA Data Out Change)
tAA
Clock to Output
100
3500
50
900
50
400
ns
(SCL Low to SDA Data Out Valid)
tR
SCL and SDA Rise Time(1)
—
1000
—
300
—
300
ns
tF
SCL and SDA Fall Time(1)
—
300
—
300
—
100
ns
tWR
Write Cycle Time
—
10
—
5
—
5
ms
Note:
1. This parameter is characterized but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com