Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS24C01B-2PI Datasheet(PDF) 18 Page - Integrated Silicon Solution, Inc

Part # IS24C01B-2PI
Description  1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C01B-2PI Datasheet(HTML) 18 Page - Integrated Silicon Solution, Inc

Back Button IS24C01B-2PI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 19Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
PACKAGING INFORMATION
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
02/13/06
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Dual Flat No-Lead
Package Code:D (8-pad)
A2
b
(8X)
(8X)
A1
A1
A3
D
A
L (8X)
L (8X)
e (6X)
e (6X)
1.50 REF.
1.50 REF.
D2
Pad 1 ID
Pad 1 index area
tie bars
(3)
Notes:
1. Refer to JEDEC Drawing MO-229.
2. This is the metallized terminal and
is measured between 0.18 mm
and 0.30 mm from the terminal tip.
The terminal may have a straight
end instead of rounded.
3. Package may have exposed tie
bars, ending flush with package
edge.
DFN
MILLIMETERS
Sym.
Min. Nom. Max.
N0.
Pad
8
D
2.00 BSC
E
3.00 BSC
D2
1.50
—
1.75
E2
1.60
—
1.90
A
0.70
0.75
0.80
A1
0.0
0.02
0.05
A2
—
—
0.75
A3
0.20 REF
L
0.30
0.40
0.50
e
0.50 BSC
b
0.18
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com