Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS24C01B-2PI Datasheet(PDF) 17 Page - Integrated Silicon Solution, Inc

Part # IS24C01B-2PI
Description  1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C01B-2PI Datasheet(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS24C01B-2PI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS24C01B-2PI Datasheet HTML 19Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
PACKAGING INFORMATION
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
2
Rev. C
10/03/01
150-mil Plastic SOP
Package Code: G, GR
D
SEATING PLANE
B
e
C
1
N
E
A1
A
H
L
α
Notes:
1. Controlling dimension: inches, unless otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E1 do not include mold flash protrusions and
should be
measured from the bottom of the package.
4. Formed leads shall be planar with respect to one another within 0.004 inches at the
seating plane.
150-mil Plastic SOP (G, GR)
Symbol
Min
Max
Min
Max
Ref. Std.
Inches
mm
No. Leads
8
8
A
—
0.068
—
1.73
A1
0.004
0.009
0.1
0.23
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.18
0.25
D
0.189
0.197
4.8
5
E
0.150
0.157
3.81
3.99
H
0.228
0.245
5.79
6.22
e
0.050 BSC
1.27 BSC
L
0.020
0.035
0.51
0.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com