Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422 Datasheet(PDF) 102 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 98Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 99Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 100Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 101Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 102Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 103Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 104Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 105Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Standard 8032 timer/counters
UPSD3422, UPSD3433, UPSD3434, UPSD3454
102/300
Note:
1
The RCLK1 and TCLK1 Bits in the SFR named PCON control UART1, and have the exact
same function as RCLK and TCLK.
4TCLK(1)
R,W
UART0 Transmit Clock control.
When TCLK = 1, UART0 uses Timer 2 overflow pulses for its
transmit clock in Modes 1 and 3. TCLK=0, Timer 1 overflow is
used for transmit clock
3
EXEN2
R,W
Timer 2 External Enable.
When EXEN2 = 1, capture or reload results when negative
edge on pin T2X occurs. EXEN2 = 0 causes Timer 2 to ignore
events at pin T2X.
2
TR2
R,W
Timer 2 run control.
1 = Timer/Counter 2 is on, 0 = Timer Counter 2 is off.
1C/T2
R,W
Counter or Timer function select.
When C/T2 = 0, function is timer, clocked by internal clock.
When C/T2 = 1, function is counter, clocked by signal sampled
on external pin, T2.
0CP/RL2
R,W
Capture/Reload.
When CP/RL2 = 1, capture occurs on negative transition at pin
T2X if EXEN2 = 1. When CP/RL2 = 0, auto-reload occurs
when Timer 2 overflows, or on negative transition at pin T2X
when EXEN2=1. When RCLK = 1 or TCLK = 1, CP/RL2 is
ignored, and Timer 2 is forced to auto-reload upon Timer 2
overflow
Table 61.
T2CON register bit definition (continued)
Bit
Symbol
R/W
Definition
Table 62.
Timer/counter 2 operating modes
Mode
Bits in T2CON SFR
Pin
T2X
(1)
Remarks
Input clock
RCLK
or
TCLK
CP/
RL2
TR2 EXEN2
Timer,
internal
Counter,
external
(Pin T2,
P1.0)
16-bit
Auto-
reload
00
1
0
x
reload [RCAP2H, RCAP2L] to
[TH2, TL2] upon overflow
(upcounting)
fOSC/12
MAX
fOSC/24
00
1
1
↓
reload [RCAP2H, RCAP2L] to
[TH2, TL2] at falling edge on pin
T2X
16-bit
capture
01
1
0
x
16-bit timer/counter
(upcounting)
fOSC/12
MAX
fOSC/24
01
1
1
↓
Capture [TH2, TL2] and store to
[RCAP2H, RCAP2L] at falling
edge on pin T2X
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com