Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422 Datasheet(PDF) 108 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 104Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 105Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 106Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 107Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 108Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 109Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 110Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 111Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Serial UART interfaces
UPSD3422, UPSD3433, UPSD3434, UPSD3454
108/300
21.1.3
Mode 2
Mode 2 provides asynchronous, full-duplex communication using a total of 11 bits per data
byte. Data is transmitted through TxD and received through RxD with: a Start Bit (logic '0');
eight data bits (LSB first); a programmable 9th data bit; and a Stop Bit (logic '1'). Upon
Transmit, the 9th data bit (from bit TB8 in SCON) can be assigned the value of '0' or '1.' Or,
for example, the Parity Bit (P, in the PSW) could be moved into TB8. Upon receive, the 9th
data bit goes into RB8 in SCON, while the Stop Bit is ignored. The baud rate is
programmable to either 1/32 or 1/64 of fOSC.
21.1.4
Mode 3
Mode 3 is the same as Mode 2 in all respects except the baud rate is variable like it is in
Mode 1.
In all four modes, transmission is initiated by any instruction that uses SBUF as a destination
register. Reception is initiated in Mode 0 by the condition RI = 0 and REN = 1. Reception is
initiated in the other modes by the incoming Start Bit if REN = 1.
21.1.5
Multiprocessor communications
Modes 2 and 3 have a special provision for multiprocessor communications. In these
modes, 9 data bits are received. The 9th one goes into bit RB8, then comes a stop bit. The
port can be programmed such that when the stop bit is received, the UART interrupt will be
activated only if bit RB8 = 1. This feature is enabled by setting bit SM2 in SCON. A way to
use this feature in multi-processor systems is as follows: When the master processor wants
to transmit a block of data to one of several slaves, it first sends out an address byte which
identifies the target slave. An address byte differs from a data byte in that the 9th bit is 1 in
an address byte and 0 in a data byte. With SM2 = 1, no slave will be interrupted by a data
byte. An address byte, however, will interrupt all slaves, so that each slave can examine the
received byte and see if it is being addressed. The addressed slave will clear its SM2 bit and
prepare to receive the data bytes that will be coming. The slaves that were not being
addressed leave their SM2 bits set and go on about their business, ignoring the coming data
bytes.
SM2 has no effect in Mode 0, and in Mode 1, SM2 can be used to check the validity of the
stop bit. In a Mode 1 reception, if SM2 = 1, the receive interrupt will not be activated unless
a valid stop bit is received.
Table 64.
UART operating modes
Mode
Synchronization
Bits of SFR,
SCON
Baud clock
Data
bits
Start/stop
bits
See Figure
SM0
SM1
0
Synchronous
0
0
fOSC/12
8
None
Figure 30 on
page 113
1
Asynchronous
0
1
Timer 1 or Timer 2
Overflow
8
1 Start, 1
Stop
Figure 32 on
page 115
2
Asynchronous
1
0
fOSC/32 or fOSC/64
9
1 Start, 1
Stop
Figure 34 on
page 117
3
Asynchronous
1
1
Timer 1 or Timer 2
Overflow
9
1 Start, 1
Stop
Figure 36 on
page 118
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com