Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 236 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 237Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 238Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 239Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
236/300
28.5.39
PLD I/O mode
Pins on Ports A, B, C, and D can serve as inputs to either the DPLD or the GPLD. Inputs to
these PLDs from Ports A, B, and C are routed through IMCs before reaching the PLD input
bus. Inputs to the PLDs from Port D do not pass through IMCs, but route directly to the PLD
input bus.
Pins on Ports A, B, and C can serve as outputs from GPLD OMCs, and Port D pins can be
outputs from the DPLD (external chip-selects) which do not consume OMCs.
Whenever a pin is specified to be a PLD output, it cannot be used for MCU I/O mode, or
other pin modes. If a pin is specified to be a PLD input, it is still possible to read the pin using
MCU I/O input mode with the csiop register Data In. Also, the csiop Direction register can
still affect a pin which is used for a PLD input. The csiop Data Out register has no effect on a
PLD output pin.
Each pin on Ports A, B, C, and D have a tri-state buffer at the final output stage. The Output
Enable signal for this buffer is driven by the logical OR of two signals. One signal is an
Output Enable signal generated by the AND-OR array (from an .oe equation specified in
PSDsoft), and the other signal is the output of the csiop Direction register. This logic is
shown in Figure 79 on page 232. At power-on, all port pins default to high-impedance input
(Direction registers default to 00h). However, if an equation is written for the Output Enable
that is active at power-on, then the pin will behave as an output.
PLD I/O equations are specified in PSDsoft Express and programmed into the uPSD using
JTAG. Figure 80 shows a very simple combinatorial logic example which is implemented on
pins of Port B.
To give a general idea of how PLD logic is implemented using PSDsoft Express, Figure 81
on page 237 illustrates the pin declaration window of PSDsoft Express, showing the PLD
output at pin PB0 declared as “Combinatorial” in the “PLD Output” section, and a signal
name, “pld_out”, is specified. The other three signals on pins PB1, PB2, and PB3 would be
declared as “Logic or Address” in the “PLD Input” section, and given signal names.
In the “Design Assistant” window of PSDsoft Express shown in Figure 82 on page 238, the
user simply enters the logic equation for the signal “pld_out” as shown. The user can either
type in the logic statements or enter them using a point-and-click method, selecting various
signal names and logic operators available in the window.
After PSDsoft Express has accepted and realized the logic from the equations, it
synthesizes the logic statement:
pld_out = ( pld_in_1 # pld_in_2 ) & !pld_in_3;
to be programmed into the GPLD. See the PSDsoft User’s Manual for all the steps.
Table 189.
MCU I/O mode port D direction register (address = csiop + offset 15h)(1)(2)
1.
For each bit, 1 = out from UPSD34xx port pin1, 0 = in to PSD34xx port pin.
2.
Default state for register is 00h after reset or power-up.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N/A
N/A
N/A
N/A
N/A
PD2(3)
3.
Not available on 52-pin uPSD34xx devices.
PD1
N/A
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com