Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 232 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 232 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 228Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 229Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 230Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 231Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
232/300
following sections. Some operating modes can be defined using PSDsoft Express, and
some by the 8032 writing to the csiop registers at run-time, and some require both. For
example, PLD I/O, Latched Address Out, and Peripheral I/O modes must be defined in
PSDsoft Express and programmed into the device using JTAG, but an additional step must
happen at run-time to activate Latched Address Out mode and Peripheral I/O mode, but not
needed for PLD I/O. In another example, MCU I/O mode is controlled completely by the
8032 at run-time and only a simple pin name declaration is needed in PSDsoft Express for
documentation.
Table 172 on page 229 summarizes what actions are needed in PSDsoft Express and what
actions are required by the 8032 at run-time to achieve the various port functions.
Figure 79.
Detail of a single I/O port (typical of ports A, B, C)
I/O port
logic
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
DIRECTION
DRIVE SELECT
CONTROL
DATA OUT (MCUI/O)
ENABLE OUT
DATA IN (MCUI/O)
D bit periph I/O mode, port A
PT Output Enable (.OE)
Latched addr. bit, Port A or B
OE
MUX
8032
data
bit
Output
driver
Typical
pin
port A, B, C
PSD module reset
One of 6
CSIOP
registers
Output
Select
Peripheral I/O
mode sets
direction
(port A only)
1
2
3
4
1
2
3
4
5
6
From OMC output
TO IMC
From PLD input bus
From AND-OR array
From OMC
allocator
D
CLR
Direction
Drive
Control
(MCUI/O)
Data out
Reset
PSDsoft
PSELx
PERIPH I/O
DATA BIT
CSIOP
REGIS-
TERS
Q
Q
Q
Q
Drive type
8032
data
bits
Input
buffer
Output Enable
WR
RD PIO EN
8032
WR
8032 RD
AI07873b
Table 176.
Port operating modes
Port operating mode
Port A (80-pin
only)
Port B
Port C
Port D
Find it
MCU I/O
Yes
Yes
Yes
Yes
MCU I/O mode on
page 233
PLD I/O
OMC MCELLAB outputs
OMC MCELLBC outputs
External Chip-Select
outputs
PLD inputs
Yes
No
No
Yes
Yes
Yes
No
Yes
No
Yes(1)
No
Yes
No
No
Yes
Yes
PLD I/O mode on
page 236
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com