Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 230 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 230 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 226Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 227Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 228Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 229Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 230Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 231Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
230/300
signal to latch the incoming signal. Then define an equation for the IMC clock (.ld) or the
IMC gate (.le) signal in the “I/O Equations” section.
If the user would like to latch an incoming signal using the gate signal ALE from the 8032,
then in PSDsoft Express, for a given input pin on Port A, B, or C, specify “Latched Address”
as the pin function.
If it is desired to pass an incoming signal through an IMC directly to the AND-OR array
inputs without clocking or gating (this is most common), in PSDsoft Express simply specify
“Logic or Address” for the input pin function on Port A, B, or C.
Figure 78.
Detail of a single IMC
Table 173.
Input macrocell port A(1) (address = csiop + offset 0Ah)(2)
1.
Port A not available on 52-pin UPSD34xx devices.
2.
1 = current state of IMC is logic '1,' 0 = current state is logic ’0’.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IMC PA7
IMC PA6
IMC PA5
IMC PA4
IMC PA3
IMC PA2
IMC PA1
IMC PA0
Table 174.
Input macrocell port B (address = csiop + offset 0Bh)(1)
1.
1 = current state of IMC is logic '1,' 0 = current state is logic ’0’.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IMC PB7
IMC PB6
IMC PB5
IMC PB4
IMC PB3
IMC PB2
IMC PB1
IMC PB0
Table 175.
Input macrocell port C (address = csiop + offset 18h)(1) (2)
1.
X = Not guaranteed value, can be read either '1' or '0.' These are JTAG pins.
2.
1 = current state of IMC is logic '1,' 0 = current state is logic ’0’.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IMC PC7
X
X
IMC PC4
IMC PC3
IMC PC2
X
X
Input macrocell (IMC)
D
Q
G
D
Q
M
U
X
M
U
X
PSDsoft
8032 data bit
8032 read of particular CSIOP IMC register
PT clock or gate (.LD OR .LE)
Pin input
Latched input
Gated input
(.LD)
(.LE)
ALE
PSDsoft
ALE
From I/O port
logic
Input signal
from pin on
port A, B, or C
From AND-OR array
To PLD input bus
This signal is ganged to 3 other
IMCs, grouping IMC 0 - 3 or IMC 4 - 7.
AI06603b
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com