| Electronic Components Datasheet Search |
|
UPSD3422EB40U6 Datasheet(PDF) 227 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 Datasheet(HTML) 227 Page - STMicroelectronics |
|
227 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 PSD module 227/300 Native product terms come from the AND-OR Array. Each OMC may borrow product terms only from certain other OMCs, if they are not in use. Product term allocation does not add any propagation delay to the logic. The fitter report generated by PSDsoft Express will show any PT allocation that has occurred. If an equation requires more product terms than are available to it through PT allocation, then “external” product terms are required, which consumes other OMCs. This is called product term expansion and also happens automatically in PSDsoft Express as needed. PT expansion causes additional propagation delay because an additional OMC is consumed by the expansion process and its output is rerouted (or fed back) into the AND-OR array. The user can examine the fitter report generated by PSDsoft Express to see resulting PT allocation and PT expansion (expansion will have signal names, such as ‘*.fb_0’ or ‘*.fb_1’). PSDsoft Express will always try to fit the logic design first by using PT allocation, and if that is not sufficient then PSDsoft Express will use PT expansion. Product term expansion may occur in the DPLD for complex chip select equations for Flash memory sectors and for SRAM, but this is a rare occurence. If PSDsoft Express does use PT expansion in the DPLD, it results in an approximate 15ns additional propagation delay for that chip select signal, which gives 15ns less time for the memory to respond. Be aware of this and consider adding a wait state to the 8032 bus access (using the SFR named, BUSCON), or lower the 8032 clock frequency to avoid problems with memory access time. Figure 77. OMC allocator Table 168. OMC port and data bit assignments OMC Port assignment(1),(2) Native product terms from AND-OR array Maximum borrowed product terms Data bit on 8032 data bus for loading or reading OMC MCELLAB0 Port A0 or B0 3 6 D0 MCELLAB1 Port A1 or B1 3 6 D1 MCELLAB2 Port A2 or B2 3 6 D2 MCELLAB3 Port A3 or B3 3 6 D3 MCELLAB4 Port A4 or B4 3 6 D4 MCELLAB5 Port A5 or B5 3 6 D5 MCELLAB6 Port A6 or B6 3 6 D6 MCELLAB7 Port A7 or B7 3 6 D7 MCELLBC0 Port B0 4 5 D0 MCELLBC1 Port B1 4 5 D1 MCELLBC2 Port B or C2 4 5 D2 PortC pins Port B pins Port A pins (80-pin pkg only) OMC Bank BC (MCELLBC0-7) OMC Bank AB (MCELLAB0-7) 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 2 3 4 7 4 5 6 7 32 1 0 4 5 6 7 32 1 0 ** * * * = Used for JTAG, pin not available to GPLD AI09177 Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |