Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 229 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 229 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 225Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 226Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 227Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 228Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 229Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 230Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 231Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
PSD module
229/300
28.5.33
OMC mask registers
There is one OMC Mask register for each of the two groups of eight OMCs shown in
Table 171 and Table 172. The OMC mask registers are used to block loading of data to
individual OMCs. The default value for the mask registers is 00h, which allows loading of all
OMCs. When a given bit in a mask register is set to a '1,' the 8032 is blocked from writing to
the associated OMC flip-flop. For example, suppose that only four of eight OMCs
(MCELLAB0-3) are being used for a state machine. The user may not want the 8032 to write
to all the OMCs in MCELLAB because it would overwrite the state machine registers.
Therefore, the user would want to load the mask register for MCELLAB with the value 0Fh
before writing OMCs.
Note:
1
Default is 00h after any reset condition
2
1 = block writing to individual macrocell, 0 = allow writing to individual macrocell
Note:
1
Default is 00h after any reset condition
2
1 = block writing to individual macrocell, 0 = allow writing to individual macrocell
28.5.34
Input macrocells
The GPLD has 20 IMCs, one for each pin on Port A (80-pin device only), one for each pin on
Port B, and for the four pins on Port C that are not JTAG pins. The architecture of one
individual IMC is shown in Figure 78 on page 230. IMCs are individually configurable, and
they can strobe a signal coming in from a port pin as a latch (gated), or as a register
(clocked), or the IMC can pass the signal without strobing, all prior to driving the signal onto
the PLD input bus. Strobing is useful for sampling and debouncing inputs (keypad inputs,
etc.) before entering the PLD AND-OR arrays. The outputs of IMCs can be read by the 8032
asynchronously when the 8032 reads the csiop registers shown in Table 173, Table 174,
and Table 175 on page 230. It is possible to read a PSD module port pin using one of two
different methods, one method is by reading IMCs as described here, the other method is
using MCU I/O mode described in a later section.
The optional IMC clocking or gating signal used to strobe pin inputs is driven by a product
term from the AND-OR array. There is one clocking or gating product term available for each
group of four IMCs. Port inputs 0-3 are controlled by one product term and 4-7 by another.
To specify in PSDsoft Express the method in which a signal will be strobed as it enters an
IMC for a given input pin on Port A, B, or C, just specify “PT Clocked register” to use a rising
edge to clock the incoming signal, or specify “PT Clock Latch” to use an active high gate
Table 171.
Output macrocell MCELLAB mask register (address = csiop + offset 22h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mask
MCELLAB
7
Mask
MCELLAB
6
Mask
MCELLAB
5
Mask
MCELLAB
4
Mask
MCELLAB
3
Mask
MCELLAB
2
Mask
MCELLAB
1
Mask
MCELLAB
0
Table 172.
Output macrocell MCELLBC mask register (address = csiop + offset 23h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mask
MCELLBC
7
Mask
MCELLBC
6
Mask
MCELLBC
5
Mask
MCELLBC
4
Mask
MCELLBC
3
Mask
MCELLBC
2
Mask
MCELLBC
1
Mask
MCELLBC
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com