Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 244 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 244 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 240Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 241Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 242Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 243Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 244Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 245Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 246Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 247Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
244/300
28.5.49
Port B structure
Port B supports the following operating modes:
●
MCU I/O Mode
●
GPLD Output Mode from Output Macrocells MCELLABx, or MCELLBCx (OMC
allocator routes these signals)
●
GPLD Input Mode to Input Macrocells IMCBx
●
Latched Address Output Mode
Port B also supports Open Drain/Slew Rate output drive type options using the csiop Drive
Select registers. Pins PB0-PB3 can be configured to fast slew rate, pins PB4-PB7 can be
configured to Open Drain Mode.
See Figure 85 for detail.
Figure 85.
Port B structure
Note:
1
Port pins PB0-PB3 are capable of Fast Slew Rate output drive option. Port pins PB4-PB7
are capable of Open Drain output option.
I/O port B
logic
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
Direction
Drive Select
Control
Data out
(MCUI/O)
Enable Out
Data in (MCUI/O)
PT Output Enable (.OE)
Latched addr bit
Output
Enable
Output
Enable
Typical
pin, port B
PSD module reset
One of 6
CSIOP
registers
Output
Select
1
2
3
1
2
3
4
5
6
From OMC output
(MCELLABx or MCELLBCx)
From PLD
input bus
From AND-
OR array
From OMC
allocator
D
CLR
Direction
Drive
Control
(MCUI/O)
data out
8032
WR
Reset
PSDsoft
8032 RD
To IMCs
CSIOP
registers
Q
Q
Q
Q
Drive type select
(1)
8032
data
bits
8032
DATA
BIT
Pin input
CMOS
buffer
No
hysteresis
VDD
VDD
Pin
output
1 = Open
drain,
PB4 - PB7
1 = Fast
Slew rate,
PB0 - PB3
IMCB0 - IMCB7
AI09180
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com