Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 246 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 246 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 242Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 243Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 244Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 245Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 246Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 247Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 248Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 249Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 250Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
246/300
Figure 86.
Port C structure
Note:
1
Optional function on a specific Port C pin.
28.5.51
Port D structure
Port D has two I/O pins (PD1, PD2) on 80-pin UPSD34xx devices, and just one pin (PD1) on
52-pin devices, supporting the following operating modes:
●
MCU I/O Mode
●
DPLD Output Mode for External Chip Selects, ECS1, ECS2. This does not consume
OMCs in the GPLD.
●
PLD Input Mode – direct input to the PLD Input Bus available to DPLD and GPLD. Does
not use IMCs
See Figure 87 on page 247 for detail.
I/O port C
logic
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
Direction
Drive Select
Data out
(MCUI/O)
Enable Out
Data in (MCUI/O)
PT Output Enable, .OE (JTAG state machine
automatically controls OE for JTAG signals)
Output
Enable
Typical
pin,
port C
PSD module reset
One of 6
CSIOP
registers
1
2
3
4
5
1
2
3
4
5
From OMC output (MCELLBCx)
From Flash memories
TO/From JTAG
state machine
From PLD
input bus
From AND-
OR array
From OMC
allocator
D
CLR
Direction
Drive
(MCUI/O)
data out
8032
WR
Reset
PSDsoft
8032 RD
To IMCs
CSIOP
registers
Q
Q
Q
Drive type select
(2)
8032
data
bits
8032
DATA
BIT
PIN
INPUT
CMOS
buffer
No
hysteresis
VDD
VDD
VDD
Pin
output
50k
Pull-up
only on
JTAG TDI,
TMS, TCK
signals
IMCC2, IMCC3,
IMCC4, IMCC7
RDY/BSY
(1)
TDO, TSTAT
(1), TERR(1)
TDI, TMS, TCK
AI09181c
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com