Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 249 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 249 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 245Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 246Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 247Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 248Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 249Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 250Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 251Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 252Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
PSD module
249/300
csiop PMMR registers. Current consumption of the PLDs is directly related to the
composite frequency of all transitions on PLD inputs, so blocking certain PLD inputs
can significantly lower PLD operating frequency and power consumption (resulting in a
lower frequency on the graphs of Figure 95 on page 265 and Figure 96 on page 266).
Note:
It is recommended to prevent unused inputs from floating on Ports A, B, C, and D by pulling
them up to VDD with a weak external resistor (100KΩ), or by setting the csiop Direction
register to “output” at run-time for all unused inputs. This will prevent the CMOS input buffers
of unused input pins from drawing excessive current.
The csiop PMMR register definitions are shown in Table 200 through Table 202 on
page 250.
Table 200.
Power management mode register PMMR0 (address = csiop + offset
B0h)(1)
1.
All the bits of this register are cleared to zero following power-up. Subsequent Reset (RST) pulses do not
clear the registers.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
APD Enable
0
Automatic Power Down (APD) counter is disabled.
1
APD counter is enabled
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
PLD Turbo
Disable
0 =
on
PLD Turbo mode is on
1 =
off
PLD Turbo mode is off, saving power.
Bit 4
Blocking Bit,
CLKIN to
PLDs(2)
2.
Blocking bits should be set to logic ’1’ only if the signal is not needed in a DPLD or GPLD logic equation.
0 =
on
CLKIN (pin PD1) to the PLD Input Bus is not blocked. Every transition of
CLKIN powers-up the PLDs.
1 =
off
CLKIN input to PLD Input Bus is blocked, saving power. But CLKIN still
goes to APD counter.
Bit 5
Blocking Bit,
CLKIN to
OMCs
Only(2)
0 =
on
CLKIN input is not blocked from reaching all OMCs’ common clock
inputs.
1 =
off
CLKIN input to common clock of all OMCs is blocked, saving power. But
CLKIN still goes to APD counter and all PLD logic besides the common
clock input on OMCs.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.
Table 201.
Power management mode register PMMR2 (address = csiop + offset
B4h)(1)
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
Blocking Bit,
WR to
PLDs(2)
0 =
on
8032 WR input to the PLD Input Bus is not blocked.
1 =
off
8032 WR input to PLD Input Bus is blocked, saving power.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com