Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 250 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 250 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 246Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 247Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 248Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 249Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 250Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 251Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 252Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 253Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
250/300
28.5.53
Automatic power-down (APD)
The APD unit shown in Figure 73 on page 221 puts the PSD module into power-down mode
by monitoring the activity of the 8032 Address Latch Enable (ALE) signal. If the APD unit is
enabled by writing a logic ’1’ to Bit 1 of the csiop PMMR0 register, and if ALE signal activity
has stopped (8032 in sleep mode), then the four-bit APD counter starts counting up. If the
ALE signal remains inactive for 15 clock periods of the CLKIN signal (pin PD1), then the
APD counter will reach maximum count and the power down indicator signal (PDN) goes to
logic ’1’ forcing the PSD module into power-down mode. During this time, all buffers on the
PSD module for 8032 address and data signals are disabled in silicon, preventing the PSD
module Flash memories from waking up from standby mode, even if noise or other devices
Bit 3
Blocking Bit,
RD to
PLDs(2)
0 =
on
8032 RD input to the PLD Input Bus is not blocked.
1 =
off
8032 RD input to PLD Input Bus is blocked, saving power.
Bit 4
Blocking Bit,
PSEN to
PLDs(2)
0 =
on
8032 PSEN input to the PLD Input Bus is not blocked.
1 =
off
8032 PSEN input to PLD Input Bus is blocked, saving power.
Bit 5
Blocking Bit,
ALE to
PLDs(2)
0 =
on
8032 ALE input to the PLD Input Bus is not blocked.
1 =
off
8032 ALE input to PLD Input Bus is blocked, saving power.
Bit 5
Blocking Bit,
PC7 to
PLDs(2)
0 =
on
Pin PC7 input to the PLD Input Bus is not blocked.
1 =
off
Pin PC7 input to PLD Input Bus is blocked, saving power.
Bit 7
X
0
Not used, and should be set to zero.
1.
All the bits of this register are cleared to zero following power-up. Subsequent Reset (RST) pulses do not
clear the registers.
2.
Blocking bits should be set to logic ’1’ only if the signal is not needed in a DPLD or GPLD logic equation.
Table 202.
Power management mode register PMMR3 (address = csiop + offset
C7h)(1)
1.
All the bits of this register are cleared to zero following power-up. Subsequent Reset (RST) pulses do not
clear the registers.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
FORCE_PD
0 =
off
APD counter will cause Power-Down Mode if APD is enabled.
1 =
on
Power-Down mode will be entered immediately regardless of APD
activity.
Bit 3-
7
X
0
Not used, and should be set to zero.
Table 201.
Power management mode register PMMR2 (address = csiop + offset
B4h)(1) (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com