Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 247 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 247 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 243Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 244Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 245Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 246Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 247Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 248Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 249Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 250Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
PSD module
247/300
Port D pins can also be configured in PSDsoft as pins for other dedicated functions:
●
PD1 can be used as a common clock input to all 16 OMC Flip-flops (see
Section 28.1.11: OMCs on page 195) and also the Section 28.5.53: Automatic power-
down (APD) on page 250.
●
PD2 can be used as a common chip select signal (CSI) for the Flash and SRAM
memories on the PSD module (see Section 28.5.55: Chip select input (CSI) on
page 253). If driven to logic ’1’ by an external source, CSI will force the Flash memory
into standby mode regardless of what other internal memory select signals are doing
on the PSD module. This is specified in PSDsoft as “PSD Chip Select Input, CSI”.
Port D also supports the Fast Slew Rate output drive type option using the csiop Drive
Select registers.
Figure 87.
Port D structure
Note:
1
Optional function on a specific Port D pin.
I/O port D
logic
O
U
T
P
U
T
M
U
X
P
D
B
M
U
X
Direction
Drive select
Data out
(MCUI/O)
Enable Out
Data in (MCUI/O)
PT Output Enable (.OE)
Output
Enable
Typical
pin, port D
PSD module reset
One of 5
CSIOP
Registers
1
2
1
2
3
4
5
From DPLD external chip (ECSx)
From PLD
input bus
From AND-
OR array
From DPLD
D
CLR
Directions
Drive
(MCUI/O)
Data out
8032
WR
Reset
PSDsoft
8032 RD
To power management and PLD input bus
CSIOP
registers
Q
Q
Q
Drive select type
8032
data
bits
8032
DATA
BIT
Pin input
CMOS
buffer
No
hysteresis
VDD
VDD
Pin
output
1 = Fast
Slew rate
PD1. PIN, PD2.PIN
Directly to PLD input bus, no IMC
CSI
(1)
To power management
CLKIN
(1)
AI09182
Output
Enable
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com