Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 253 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 249Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 250Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 251Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 252Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 253Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 254Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 255Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 256Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
PSD module
253/300
Figure 89.
Power-down mode flowchart
28.5.55
Chip select input (CSI)
Pin PD2 of Port D can optionally be configured in PSDsoft Express as the PSD module Chip
Select Input, CSI, which is an active-low logic input. By default, pin PD2 does not have the
CSI function.
When the CSI function is specified in PSDsoft Express, the CSI signal is automatically
included in DPLD chip select equations for FSx, CSBOOTx, RS0, and CSIOP. When the CSI
pin is driven to logic ’0’ from an external device, all of these memories will be available for
READ and WRITE operations. When CSI is driven to logic '1,' none of these memories are
available for selection, regardless of the address activity from the 8032, reducing power
consumption. The state of the PLD and port I/O pins are not changed when CSI goes to
logic ’1’ (disabled).
28.5.56
PLD non-turbo mode
The power consumption and speed of the PLDs are controlled by the Turbo Bit (Bit 3) in the
csiop PMMR0 register. By setting this bit to logic '1,' the Turbo mode is turned off and both
PLDs consume only standby current when ALL PLD inputs have no transitions for an
extended time (65 ns for 5 V devices, 100 ns for 3.3 V devices), significantly reducing
current consumption. The PLDs will latch their outputs and go to standby, drawing very little
current. When Turbo mode is off, PLD propagation delay time is increased as shown in the
AC specifications for the PSD module. Since this additional propagation delay also effects
the DPLD, the response time of the memories on the PSD module is also lengthened by that
same amount of time. If Turbo mode is off, the user should add an additional wait state to the
8032 BUSCON SFR register if the 8032 clock frequency is higher that a particular value.
Please refer to Table 51 on page 90 in the MCU module section.
Enable APD.
Set PMMR0,
Bit 1 = 1
RESET
OPTIONAL. Disable desired inputs to
PLDs by setting PMMR0 bits 4 and 5,
and PMMR2 bits 2 through 6
ALE idle
for 15 CLKIN
clocks?
PDN = 1, PSD
Module in Power-
Down Mode
YES
NO
AI09183
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com