Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 256 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 256 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 252Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 253Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 254Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 255Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 256Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 257Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 258Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 259Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
256/300
Upon power-up, and while RST is asserted, the PSD module immediately loads its
configuration from non-volatile bits to configure the PLDs and other items. PLD logic is
operational and ready for use well before RST is de-asserted. The state of PLD outputs are
determined by equations specified in PSDsoft Express.
The Flash memories are reset to Read Array mode after any assertion of RST (even if a
program or erase operation is occurring).
Flash memory WRITE operations are automatically prevented while VDD is ramping up until
it rises above the VLKO voltage threshold at which time Flash memory WRITE operations
are allowed.
Once the UPSD34xx is up and running, any subsequent reset operation is referred to as a
warm reset, until power is turned off again. Some PSD module functions are reset in
different ways depending if the reset condition was caused from a power-up reset or a warm
reset. Table 203 on page 256 summarizes how PSD module functions are affected by
power-up and warm resets, as well as the affect of PSD module power-down mode (from
APD).
The I/O pins of PSD module Ports A, B, C, and D do not have weak internal pull-ups.
In MCU I/O mode, Latched Address Out mode, and Peripheral I/O mode, the pins of Ports
A, B, C, and D become standard CMOS inputs during a reset condition. If no external
devices are driving these pins during reset, then these inputs may float and draw excessive
current. If low power consumption is critical during reset, then these floating inputs should
be pulled up externally to VDD with a weak (100KΩ minimum) resistor.
In PLD I/O mode, pins of Ports A, B, C, and D may also float during reset if no external
device is driving them, and if there is no equation specified for the DPLD or GPLD to make
them an output. In this case, a weak external pull-up resistor (100K
Ω minimum) should be
used on floating pins to avoid excessive current draw.
The pins on Ports 1, 3, and 4 of the 8032 MCU module do have weak internal pull-ups and
the inputs will not float, so no external pull-ups are needed.
Table 203.
Function status during power-up reset, warm reset, power-down mode
Port configuration or
register
Power-up reset
Warm reset
APD Power-down mode
MCU I/O
Pins are in input mode
Pins are in input mode
Pin logic state is unchanged
PLD I/O
Pin logic is valid after
internal PSD module
configuration bits are
loaded. Happens long
before RST is de-asserted
Pin logic is valid and is
determined by PLD logic
equations
Pin logic depends on inputs to
PLD (8032 addresses are
blocked from reaching PLD
inputs during power-down
mode)
Latched address out
mode
Pins are High Impedance
Pins are high impedance
Pins logic state not defined
since 8032 address signals
are blocked
Peripheral I/O mode
Pins are High Impedance
Pins are High Impedance
Pins are High Impedance
JTAG ISP and debug
JTAG channel is active
and available
JTAG channel is active
and available
JTAG channel is active and
available
PMMR0 and PMMR2
Cleared to 00h
Unchanged
Unchanged
Output of OMC Flip-flops
Cleared to ’0’
Depends on .re and .pr
equations
Depends on .re and .pr
equations
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com