Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 260 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 260 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 256Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 257Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 258Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 259Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 260Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 261Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 262Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 263Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 264Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
260/300
28.6.5
6-pin JTAG ISP (optional)
The optional signals TSTAT and TERR are programming status flags that can reduce
programming time by as much as 30% compared to 4-pin JTAG because this status
information does not have to be scanned out of the device serially. TSTAT and TERR must
be used as a pair for 6-pin JTAG operation.
●
TSTAT (pin PC3) indicates when programming of a single Flash location is complete.
Logic 1 = Ready, Logic 0 = busy.
●
TERR (pin PC4) indicates if there was a Flash programming error. Logic 1 = no error,
Logic 0 = error.
The pin functions for PC3 and PC4 must be selected as “Dedicated JTAG - TSTAT” and
“Dedicated JTAG - TERR” in PSDsoft Express to enable 6-pin JTAG ISP.
No 8032 firmware is needed to use 6-pin ISP because all ISP functions are controlled from
the external JTAG program/test equipment.
TSTAT and TERR are functional only when JTAG ISP operations are occurring, which
means they are non-functional during JTAG debugging of the 8032 on the MCU module.
Programming times vary depending on the number of locations to be programmed and the
JTAG programming equipment, but typical JTAG ISP programming times are 10 to 25
seconds using 6-pin JTAG. The signals TSTAT and TERR are not included in the IEEE
1149.1 specification.
Figure 92 on page 261 shows recommended connections on a circuit board to a JTAG
program/test tool using 6-pin JTAG. It is required to connect the RST output signal from the
JTAG program/test equipment to the RESET_IN input on the UPSD34xx. The RST signal is
driven by the equipment with an Open Drain driver, allowing other sources (like a push
button) to drive RESET_IN without conflict.
Note:
The recommended pull-up resistors and decoupling capacitor are illustrated in Figure 92.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com