Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMF3202Z Datasheet(PDF) 5 Page - Tachyonics CO,. LTD

Part # TMF3202Z
Description  N-Channel Dual-Gate MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TMF3202Z Datasheet(HTML) 5 Page - Tachyonics CO,. LTD

  TMF3202Z Datasheet HTML 1Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 2Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 3Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 4Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 5Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 6Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 7Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Fig6. Drain current as a function of gate1 current
Fig7. Drain current as a function of gate1
supply voltage
Page 5 of 8
http://www.tachyonics.co.kr
October. 2005.
Rev. 1.0
V
DS= 5V, V G2-S = 4V, RGB=62㏀, Tj = 25 ℃
0
2
4
6
8
10
12
14
16
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VGG [V]
Fig8. Drain current as a function of gate1 and
drain supply voltage
; see Fig1
0
2
4
6
8
10
12
14
16
18
20
01
23
4
5
6
VGG=VDS [V]
39KΩ
51KΩ
62KΩ
75KΩ
100KΩ
92KΩ
RG1 = 33KΩ
Fig9. Drain current as a function of gate2 voltage
0
2
4
6
8
10
12
14
01
23
4
5
6
VG2-S [V]
3V
3.5V
VGG = 5V
4V
4.5V
V
DS= 5V, V G2-S = 4V, Tj = 25 ℃
V
G2-S = 4V, Tj = 25 ℃, RGB= (Connected to VGG)
V
DS= 5V, Tj = 25 ℃, RGB=62㏀
Preliminary Specification
TMF3202Z
□ Graphs
0
4
8
12
16
20
0
20
40
60
80
100
IG1 [uA]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com