Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMF3202Z Datasheet(PDF) 8 Page - Tachyonics CO,. LTD

Part # TMF3202Z
Description  N-Channel Dual-Gate MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TMF3202Z Datasheet(HTML) 8 Page - Tachyonics CO,. LTD

  TMF3202Z Datasheet HTML 1Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 2Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 3Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 4Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 5Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 6Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 7Page - Tachyonics CO,. LTD TMF3202Z Datasheet HTML 8Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
http://www.tachyonics.co.kr
Octorber. 2005.
Rev. 1.0
Page 8 of 8
Preliminary Specification
TMF3202Z
□ Scattering parameters
(V
G2-S = 4V, VDS =5V, ID =12mA, Ta = 25 ℃)
freq (10.00MHz to 1.000GHz)
Input Reflection Coefficient
1E8
1E7
1E9
2
4
6
8
10
0
12
freq, Hz
Forward Transmission, dB
1E8
1E7
1E9
-60
-40
-20
-80
0
freq, Hz
Reverse Transmission, dB
freq (10.00MHz to 1.000GHz)
Output Reflection Coefficient
-40.87
0.973
110.7
0.004
87.8
2.62
-63.470
0.800
800
-35.8
0.968
104.6
0.004
98.8
2.75
-57.600
0.830
700
-30.59
0.968
100.4
0.004
110.1
2.89
-50.800
0.863
600
-26.01
0.964
95.6
0.004
120.1
3.04
-43.000
0.836
500
-20.8
0.966
92.6
0.003
130.8
3.20
-35.160
0.912
400
-16.13
0.968
89.2
0.002
141.5
3.40
-27.300
0.938
300
-10.97
0.982
89
0.002
153.1
3.58
-17.920
0.952
200
-4.89
0.998
91.7
0.001
165.5
3.81
-5.323
0.915
100
-1.86
1.006
93.0
0.001
171.7
3.93
0.974
0.897
50
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
S22
S12
S21
S11
f
(MHz)
VDS=5V, VG2-S=4V, ID=12mA
-40.87
0.973
110.7
0.004
87.8
2.62
-63.470
0.800
800
-35.8
0.968
104.6
0.004
98.8
2.75
-57.600
0.830
700
-30.59
0.968
100.4
0.004
110.1
2.89
-50.800
0.863
600
-26.01
0.964
95.6
0.004
120.1
3.04
-43.000
0.836
500
-20.8
0.966
92.6
0.003
130.8
3.20
-35.160
0.912
400
-16.13
0.968
89.2
0.002
141.5
3.40
-27.300
0.938
300
-10.97
0.982
89
0.002
153.1
3.58
-17.920
0.952
200
-4.89
0.998
91.7
0.001
165.5
3.81
-5.323
0.915
100
-1.86
1.006
93.0
0.001
171.7
3.93
0.974
0.897
50
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
S22
S12
S21
S11
f
(MHz)
VDS=5V, VG2-S=4V, ID=12mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com