Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16K Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 40Page - STMicroelectronics ST25DV16K Datasheet HTML 41Page - STMicroelectronics ST25DV16K Datasheet HTML 42Page - STMicroelectronics ST25DV16K Datasheet HTML 43Page - STMicroelectronics ST25DV16K Datasheet HTML 44Page - STMicroelectronics ST25DV16K Datasheet HTML 45Page - STMicroelectronics ST25DV16K Datasheet HTML 46Page - STMicroelectronics ST25DV16K Datasheet HTML 47Page - STMicroelectronics ST25DV16K Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 197 page
background image
5.4.2
RF management feature description
RF_MNGT Register is used to control the RF communication between ST25DVxxx and a RF reader.
At boot time, and each time RF_MNGT register it is updated, content of RF_MNGT_Dyn register is copied
from RF_MNGT register. The content of RF_MNGT_Dyn register is used during application to set ST25DVxxx
behavior.
Content of this dynamic register RF_MNGT_Dyn can be updated on the fly, to temporarily modify the behavior of
ST25DVxxx without affecting the static value of RF_MNGT which will be recovered at next POR.
RF_MNGT register is composed of two bits (see Table 42. RF_MNGT_Dyn): RF_DISABLE and RF_SLEEP
For a normal usage of RF interface, bits RF_SLEEP and RF_DISABLE must be set to 0.
For RF are offered three modes:
•
RF sleep mode:
–
When RF_SLEEP is set to 1, all RF communications are disabled, RF interface doesn’t interpret
commands, but minimizes consumption of RF interface.
•
RF disable mode:
–
When RF_SLEEP is set to 0 and RF_DISABLE is set to 1, RF commands are interpreted but not
executed. In case of a valid command, ST25DVxxx will respond after t1 with the error code 0Fh. The
Inventory command is not answered.
•
RF normal mode:
–
In normal usage, RF_SLEEP and RF_DISABLE are set to 0, ST25DVxxx will process the request
and respond accordingly when I2C is not accessing ST25DVxxx. If I2C is busy, ST25DV will respond
to RF request with the error code 0Fh.
ST25DV04K ST25DV16K ST25DV64K
RF management feature
DS10925 - Rev 11
page 44/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com