Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16K Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 71Page - STMicroelectronics ST25DV16K Datasheet HTML 72Page - STMicroelectronics ST25DV16K Datasheet HTML 73Page - STMicroelectronics ST25DV16K Datasheet HTML 74Page - STMicroelectronics ST25DV16K Datasheet HTML 75Page - STMicroelectronics ST25DV16K Datasheet HTML 76Page - STMicroelectronics ST25DV16K Datasheet HTML 77Page - STMicroelectronics ST25DV16K Datasheet HTML 78Page - STMicroelectronics ST25DV16K Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 197 page
background image
Addressed mode
When the Address_flag is set to 1 (Addressed mode), the request contains the Unique ID (UID) of the addressed
ST25DVxxx.
Any ST25DVxxx that receives a request with the Address_flag set to 1 compares the received Unique ID to its
own. If it matches, then the ST25DVxxx executes the request (if possible) and returns a response to the VCD as
specified in the command description.
If the UID does not match, then it remains silent.
Non-addressed mode (general request)
When the Address_flag is cleared to 0 (Non-Addressed mode), the request does not contain a Unique ID.
Select mode
When the Select_flag is set to 1 (Select mode), the request does not contain a unique ID. The ST25DVxxx in the
Selected state that receives a request with the Select_flag set to 1 executes it and returns a response to the VCD
as specified in the command description.
Only the ST25DVxxx in the Selected state answers a request where the Select_flag is set to 1.
The system design ensures that only one ST25DVxxx can be in the Select state at a time.
7.4.4
Request format
The request consists of:
•
an SOF,
•
flags,
•
a command code,
•
parameters and data,
•
a CRC,
•
an EOF.
Table 93. General request format
SOF
Request_flags
Command code
Parameters
Data
2 bytes CRC
EOF
7.4.5
Request flags
In a request, the “flags” field specifies the actions to be performed by the ST25DVxxx and whether corresponding
fields are present or not.
The flags field consists of eight bits. Bit 3 (Inventory_flag) of the request flag defines the contents of the four
MSBs (bits 5 to 8). When bit 3 is reset (0), bits 5 to 8 define the ST25DVxxx selection criteria. When bit 3 is set
(1), bits 5 to 8 define the ST25DVxxx Inventory parameters.
ST25DV04K ST25DV16K ST25DV64K
RF protocol description
DS10925 - Rev 11
page 75/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com