Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16K Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 12Page - STMicroelectronics ST25DV16K Datasheet HTML 13Page - STMicroelectronics ST25DV16K Datasheet HTML 14Page - STMicroelectronics ST25DV16K Datasheet HTML 15Page - STMicroelectronics ST25DV16K Datasheet HTML 16Page - STMicroelectronics ST25DV16K Datasheet HTML 17Page - STMicroelectronics ST25DV16K Datasheet HTML 18Page - STMicroelectronics ST25DV16K Datasheet HTML 19Page - STMicroelectronics ST25DV16K Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 197 page
background image
Table 6. ENDA1
Bit
Name
Function
Factory value
b7-b0
ENDA1
End Area 1 = 8 * ENDA1 + 7 when expressed in blocks (RF)
End Area 1 = 32 * ENDA1 + 31 when expressed in bytes (I2C)
ST25DV04K-xx: 0Fh
ST25DV16K-xx: 3Fh
ST25DV64K-xx: FFh
Note:
Refer to Table 11. System configuration memory map for ENDA1 register.
Table 7. ENDA2 access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @07h
Write Configuration (cmd code A1h) @07h
R always, W if RF configuration security
session is open and configuration not locked
E2 = 1, 0007h
R always, W if I2C security
session is open
Table 8. ENDA2
Bit
Name
Function
Factory value
b7-b0
ENDA2
End Area 2 = 8 * ENDA2 + 7 when expressed in blocks (RF)
End Area 2 = 32 * ENDA2 + 31 when expressed in bytes (I2C)
ST25DV04K-xx: 0Fh
ST25DV16K-xx: 3Fh
ST25DV64K-xx: FFh
Note:
Refer to Table 11. System configuration memory map for ENDA2 register.
Table 9. ENDA3 access
RF
I2C
Command
Type
Address
Type
Read Configuration (code A0h) @09h
Write Configuration (code A1h) @09h
R always, W if RF configuration security session is
open and configuration not locked
E2 = 1, 0009h
R always, W if I2C security
session is open
Table 10. ENDA3
Bit
Name
Function
Factory value
b7-b0
ENDA3
End Area 3 = 8 x ENDA3 + 7 when expressed in blocks (RF)
End Area 3 = 32 x ENDA3 + 31 when expressed in bytes (I2C)
ST25DV04K-xx: 0Fh
ST25DV16K-xx: 3Fh
ST25DV64K-xx: FFh
Note:
Refer to Table 11. System configuration memory map for ENDA3 register.
ST25DV04K ST25DV16K ST25DV64K
User memory
DS10925 - Rev 11
page 16/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com