Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS4260L Datasheet(PDF) 6 Page - STMicroelectronics

Part # IPS4260L
Description  Quad low-side intelligent power switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button IPS4260L Datasheet HTML 2Page - STMicroelectronics IPS4260L Datasheet HTML 3Page - STMicroelectronics IPS4260L Datasheet HTML 4Page - STMicroelectronics IPS4260L Datasheet HTML 5Page - STMicroelectronics IPS4260L Datasheet HTML 6Page - STMicroelectronics IPS4260L Datasheet HTML 7Page - STMicroelectronics IPS4260L Datasheet HTML 8Page - STMicroelectronics IPS4260L Datasheet HTML 9Page - STMicroelectronics IPS4260L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
2.8
ILIM
This pin cannot be left floating and can be used to program the limitation current value through an external
resistor (RILIM) see Table 8. Protection and diagnostic. The resistor RILIM has to be connected between ILIM and
SGND pins. When the IPS4260L ICs are used in the same application, their ILIM pins cannot be wired together:
each IC must be connected to its own resistor ( see Section 6.3 Current limitation and cut-off )
2.9
CoD
This pin cannot be left floating and can be used to program the cut-off delay time tcoff (see Table 8. Protection and
diagnostic) through an external resistor (RCoD). The resistor RCoD has to be connected between CoD and SGND
pins. The cut-off function can be completely disabled by shorting CoD pin to SGND: in this condition the power
stage channel remains ON in limitation condition, supplying the current to the load until the input is forced LOW or
the thermal shutdown threshold is triggered (see Section 6.3 Current limitation and cut-off )
IPS4260L
ILIM
DS12305 - Rev 5
page 6/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com