Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS4260L Datasheet(PDF) 18 Page - STMicroelectronics

Part # IPS4260L
Description  Quad low-side intelligent power switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260L Datasheet(HTML) 18 Page - STMicroelectronics

Back Button IPS4260L Datasheet HTML 14Page - STMicroelectronics IPS4260L Datasheet HTML 15Page - STMicroelectronics IPS4260L Datasheet HTML 16Page - STMicroelectronics IPS4260L Datasheet HTML 17Page - STMicroelectronics IPS4260L Datasheet HTML 18Page - STMicroelectronics IPS4260L Datasheet HTML 19Page - STMicroelectronics IPS4260L Datasheet HTML 20Page - STMicroelectronics IPS4260L Datasheet HTML 21Page - STMicroelectronics IPS4260L Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
7
Active clamp
Active clamp is also known as fast demagnetization of inductive loads or fast current decay. When a low-side
driver turns off an inductance, an overvoltage on load is detected. If VZ pins are directly shorted to the supply rail
(see fig 7 Application circuit ( fast decay disabled by Vz shorted to supply rail ) . ) then the fast current decay is
disabled: the inductive load is demagnetized slowly and according to the forward voltage of the integrated clamp
diodes (VFCD). The figure below shows the typical waveforms of the load voltage and current in case of slow
demagnetization.
Figure 13. VLOAD and ILOAD in case of slow demagnetization
ILOADx
VLOADX
VINX
ON
ON
OFF
VCC
VCC+VFCD
TDEMAG
time
time
time
If VZ pins are left floating (see fig 14 Active clamp equivalent principle schematic. ) or connected by a Zener or
TVS diode to supply rail (see fig 5 Application circuit (fast decay enabled by TVS between Vz and supply rail) ) or
PGND (see fig 6 Application circuit (fast decay enabled by TVS between VZ and PGND). then the fast decay is
activated. When VZ pins are left floating the integrated clamping circuit protects the IC despite overvoltages: the
conduction state of the integrated switches is modulated in order to keep the LOADx pin voltage < Vdemag until the
energy in the load has been dissipated. The demagnetization energy is dissipated in the IC and it is limited by the
internal heatsink capability, see EAS in Table 2. Absolute maximum ratings .
Figure 14. Active clamp equivalent principle schematic.
LOADX
VCC
PGND
IPU
SUPPLY RAIL
GROUND PLANE
APPLICATION BOARD
IPS4260L
.
.
.
.
.
.
LOAD
RPD
VCC
Active Clamp
Circuitry
VZ
IPS4260L
Active clamp
DS12305 - Rev 5
page 18/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com