Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS4260L Datasheet(PDF) 24 Page - STMicroelectronics

Part # IPS4260L
Description  Quad low-side intelligent power switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260L Datasheet(HTML) 24 Page - STMicroelectronics

Back Button IPS4260L Datasheet HTML 20Page - STMicroelectronics IPS4260L Datasheet HTML 21Page - STMicroelectronics IPS4260L Datasheet HTML 22Page - STMicroelectronics IPS4260L Datasheet HTML 23Page - STMicroelectronics IPS4260L Datasheet HTML 24Page - STMicroelectronics IPS4260L Datasheet HTML 25Page - STMicroelectronics IPS4260L Datasheet HTML 26Page - STMicroelectronics IPS4260L Datasheet HTML 27Page - STMicroelectronics IPS4260L Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Revision history
Table 12. Document revision history
Date
Revision
Changes
02-Oct-2017
1
Initial release.
20-Sep-2019
2
Modified Table 3. Thermal data, Features update () , Minor text
updates inside Description , Rephrased Section 2.3 VZ , Rephrased
Section 2.6 Open load in off-state, Updated Typ. in Table 5. Output
stage, Updated Max. in Table 6. Switching (VCC = 24 V; RLOAD = 24 Ω,
input rise time < 0.1 μs ), Tcoff and IVD updated in Table 8. Protection
and diagnostic , Rephrased Section 6.2 Overtemperature, Updated
Equation 3: Equation 4: Equation 5: Added fig 18 HTSSOP20 Shipping
Tube .
06-Apr-2020
3
Modified Table 4. Supply, Table 5. Output stage, Table 8. Protection
and diagnostic, minor text updates inside the document.
29-Jun-2020
4
Correct thermal data values in Table 3
30-Jul-2021
5
Updated section Section 6.4 Open load in off-state
IPS4260L
DS12305 - Rev 5
page 24/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com