| Electronic Components Datasheet Search |
|
L99DZ100G Datasheet(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ100G Datasheet(HTML) 78 Page - STMicroelectronics |
|
78 / 197 page ![]() Application information L99DZ100G, L99DZ100GP 78/197 DS11546 Rev 5 H Bridge Gate Driver, EC control, bridge drivers, heater driver, all high-side drivers (except OUT_HS & OUT15) supplied by VS On/ Off(2) Off Off Fail-safe low-side switches On/ Off(9) On On Short circuit protection for fail-safe low-side switches (in case LS is switched on) On On On OUT_HS & OUT15 (P- channel HS) supplied by VSREG On/ Off(2) On/ Off (2) On/ Off(2) Charge pump On Off Off ADC (SPI read out and VSREG early warning interrupt) On Off Off Thermal shutdown TSD2 On On Off Thermal shutdown TSD1x for OUT_HS and OUT15 (P- channel HS) On On/ Off(2) On/ Off(2) 1. Supply the processor in low current mode. 2. According to SPI setting and DIR. 3. Unless disabled by SPI. 4. The bus state is internally stored when going to standby mode. A change of bus state will lead to a wake-up after exceeding of internal filter time (if wake-up by LIN or CAN is not disabled by SPI). Selective Wake functionality if enabled by SPI 5. After power-on, the HS CAN transceiver is in CAN_TRX_SLEEP mode. It is activated by SPI command (CAN_GO_TRX_RDY= 1) 6. ON, if cyclic sense is enabled or during wake-up request. 7. ON if SWEN=1 (CAN partial networking enabled) and ongoing CAN communication on the bus. 8. Cyclic activation = pulsed ON during cyclic sense. 9. ON in Fail-Safe mode; if standby mode is entered with active Fail-safe mode the output remains ON in standby mode. Table 63. Status of different functions/features vs operating modes (continued) Function Comments Operating modes Active mode V1-standby static mode (cyclic sense) Vbat-standby static mode (cyclic sense) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |