Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100G Datasheet(PDF) 94 Page - STMicroelectronics

Part # L99DZ100G
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100G Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L99DZ100G Datasheet HTML 90Page - STMicroelectronics L99DZ100G Datasheet HTML 91Page - STMicroelectronics L99DZ100G Datasheet HTML 92Page - STMicroelectronics L99DZ100G Datasheet HTML 93Page - STMicroelectronics L99DZ100G Datasheet HTML 94Page - STMicroelectronics L99DZ100G Datasheet HTML 95Page - STMicroelectronics L99DZ100G Datasheet HTML 96Page - STMicroelectronics L99DZ100G Datasheet HTML 97Page - STMicroelectronics L99DZ100G Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
94/197
DS11546 Rev 5
low). If more or less clock pulses are counted within one frame the complete frame is
ignored. This safety function is implemented to avoid an activation of the output stages
by a wrong communication frame.
Note:
Due to this safety functionality a daisy chaining of SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected IC's is
recommended.
Serial Data Out (DO)
The data output driver is activated by a logical low level at the CSN input and will go
from high impedance to a low or high level depending on the global error flag (fault
condition). The first rising edge of the CLK input after a high to low transition of the
CSN Pin will transfer the content of the selected status register into the data out shift
register. Each subsequent falling edge of the CLK will shift the next bit out.
Serial Clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The data
input (DI) is sampled at the rising edge of the CLK and the data output (DO) will change
with the falling edge of the CLK signal. The SPI can be driven with a CLK Frequency up
to 4 MHz.
4.12
Power supply failure
4.12.1
VS supply failure
VS overvoltage
If the supply voltages VS reaches the overvoltage threshold VSOV:
LIN remains enabled
CAN remains enabled
OUT1 to OUT_14 are turned off (default).
The shutdown of outputs may be disabled by SPI (VS_OV_SD_EN (CR 3) = 0)
Charge pump is disabled (and is switched on automatically in case the supply voltage
recovers to normal operating voltage)
H-bridge gate driver and heater MOSFET gate driver are switched into sink condition
ECV is switched in high impedance state and ECDR is discharged by RECDRDIS (to
ensure the gate of the external MOSFET is discharged => EC mode considered as off)
Recovery of outputs after overvoltage condition is configurable by SPI:
–
VS_LOCK_EN (CR 3) = 1: outputs are off until Read&Clear VS_OV (SR 2).
–
VS_LOCK_EN (CR 3) = 0: outputs turned on automatically after VS overvoltage
condition has recovered.
The overvoltage bit VS_OV (SR 2) is set and can be cleared with a ‘Read&Clear’
command. The overvoltage bit is reset automatically if VS_LOCK_EN (CR 3) = 0 and
the overvoltage condition has recovered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com