Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100G Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99DZ100G
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100G Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99DZ100G Datasheet HTML 16Page - STMicroelectronics L99DZ100G Datasheet HTML 17Page - STMicroelectronics L99DZ100G Datasheet HTML 18Page - STMicroelectronics L99DZ100G Datasheet HTML 19Page - STMicroelectronics L99DZ100G Datasheet HTML 20Page - STMicroelectronics L99DZ100G Datasheet HTML 21Page - STMicroelectronics L99DZ100G Datasheet HTML 22Page - STMicroelectronics L99DZ100G Datasheet HTML 23Page - STMicroelectronics L99DZ100G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
20/197
DS11546 Rev 5
3
Electrical specifications
3.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 3 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device
reliability
Table 3. Absolute maximum ratings
Symbol
Parameter / test condition
Value [DC voltage]
Unit
VS, VSREG
DC supply voltage / “jump start”
-0.3 to +28
V
Load dump
-0.3 to +40
V
5V_1
Stabilized supply voltage, logic supply
-0.3 to 6.5
V1 < VSREG
V
5V_2(1)
Stabilized supply voltage
-0.3 to +28(2)
V
VDI, VCLK VCSN VDO,
VRXDL/NINT, VRXDC,
VNRESET, VCM, VDIR,
VDIR2, VPWMH,
VDIRH, VINT
Logic input / output voltage range
-0.3 to V1+0.3
V
VTXDC, VTXDL
Multi Level Inputs
-0.3 to 40
V
VDebug
Debug input pin voltage range
-0.3 to 40
V
VLS1_FSO, VLS2_FSO
Output voltage range of Fail-Safe Low-side
Switches
-0.3 to 35
V
VWU
DC Wake up input voltage / “jump start”
-0.3 to +28
V
Load dump
-0.3 to +40
V
VLIN
LIN bus I/O voltage range
-20 to +40
V
IInput(3)
Current injection into VS related input pins
20
mA
IOUT_INJ(3)
Current injection into VS related outputs
20
mA
VCANSUP
CAN supply
-0.3 to +5.25
V
VCANH, VCANL
CAN bus I/O voltage range
-27 to +40
V
VCANH - VCANL
Differential CAN-Bus Voltage
-5 to +10
V
VOUTn, VECDR, VECV,
Vout_HS
Output voltage (n = 1 to 15)
-0.3 to VS+0.3
V
VGH1, VGH2 (VGxy) High Voltage Signal Pins
VSxy-0.3 to
VSxy+13; VCP+0.3
V
VGL1, VGL2, (VGxy)
High Voltage Signal Pins
VSxy-0.3 to
VSxy+13; VCP-0.3V
to +12V; Vcp+0.3V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com