Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM85C30-16JC Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM85C30-16JC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-16JC Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM85C30-16JC Datasheet HTML 53Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 54Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 55Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 56Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 57Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 58Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 59Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 60Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
A M E N D M E N T
AMD
4
Am85C30
SWITCHING TEST INPUT/OUTPUT WAVEFORM
2.4 V
0.4 V
Test
Points
2.0 V
0.8 V
2.0 V
0.8 V
AC testing: Inputs are driven at 2.4 V for a logic 1 and 0.4 V for a logic 0.
Timing measurements are made at 2.0 V for a logic 1 and 0.8 V for logic 0.
10216F/1-3
PCLK
W/REQ
Request
W/REQ
Wait
RTxC, TRxC
Receive
RxD
SYNC
External
TRxC RTxC
Transmit
TxD
TRxC
Output
RTxC
TRxC
CTS, DCD, R1
SYNC
Input
11
13
14
15
16
17
18
19
20
21
21
22
22
12
10
8
9
7
6
5
4
3
1
2
10216F/1-4
Figure 19. General Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com