Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM85C30-16JC Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM85C30-16JC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-16JC Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM85C30-16JC Datasheet HTML 60Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 61Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 62Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 63Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 64Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 65Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 66Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 67Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 68Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
A M E N D M E N T
AMD
14
Am85C30
Unit
SWITCHING CHARACTERISTICS over MILITARY/INDUSTRIAL operating range
(continued)
Interrupt Acknowledge Timing, Reset Timing, Cycle Timing (see Figures 22–24)
27
TdA(DR)
Address Required Valid to Read
220
160
100
90
ns
Data Valid Delay
28
TwWRI
WR Low Width
150
125
75
65
ns
29
TdWRf(DW)
WR
↓ to Write Data Valid
35
35
20
20
ns
30
ThDW(WR)
Write Data to
WR
↑ Hold Time
0000
ns
31
TdWR(W)
WR
↓ to Wait Valid Delay (Note 2)
170
100
50
50
ns
32
TdRD(W)
RD
↓ to Wait Valid Delay (Note 2)
170
100
50
50
ns
33
TdWRf(REQ)
WR
↓ to W/REQ Not Valid Delay
170
120
70
65
ns
34
TdRDf(REQ)
RD
↓ to W/REQ Not Valid Delay
170
120
70
65
ns
35a
TdWRr(REQ)
WR
↓ to DTR/REQ Not Valid Delay
4TcPc
4TcPc
4TcPc
4TcPc ns
35b
TdWRr(EREQ)
WR
↓ to DTR/REQ Not Valid Delay
120
120
70
65
ns
36
TdRDr(REQ)
RD
↑ to DTR/REQ Not Valid Delay
NA
NA
NA
NA
ns
37
TdPC(INT)
PCLK
↓ to INT Valid Delay (Note 2)
500
400
175
160
ns
38
TdIAi(RD)
INTACK to RD
↓ (Acknowledge)
150
125
50
45
ns
Delay (Note 3)
39
TwRDA
RD (Acknowledge) Width
150
125
75
65
ns
40
TdRDA(DR)
RD
↓ (Acknowledge) to Read
140
120
70
60
ns
Data Valid Delay
41
TsIEI(RDA)
IEI to
RD
↓ (Acknowledge) Setup
95
80
50
45
ns
Time
42
ThIEI(RDA)
IEI to
RD
↑ (Acknowledge) Hold
0000
ns
Time
43
TdIEI(IEO)
IEI to IEO Delay Time
95
80
45
40
ns
44
TdPC(IEO)
PCLK
↑ to IEO Delay
200
175
80
70
ns
45
TdRDA(INT)
RD
↓ to INT Inactive Delay (Note 2)
450
320
200
180
ns
46
TdRD(WRQ)
RD
↑ to WR ↓ Delay for No Reset
15
15
10
10
ns
47
TdWRQ(RD)
WR
↑ to RD ↓ Delay for No Reset
15
15
10
10
ns
48
TwRES
WR and RD Coincident Low for
150
100
75
65
ns
Reset
49
Trc
Valid Access Recovery Time
3.5
3.5
3.5
3.5
(Note 1)
Notes:
1
Parameter applies only between transactions involving the ESCC, if
WR/RD falling edge is synchronized to PCLK
falling edge, then TrC = 3TcPc.
2. Open-drain output, measured with open-drain test load.
3. Parameter is system dependent. For any SCC in the daisy chain, TdIAi(RD) must be greater than the sum of DdPC(IEO)
for the highest priority device in the daisy chain, TsIEI(RDA) for the SCC, and TdIEI(IEO) for each device separating
them in the daisy chain.
4. Parameter applies to Enhanced Request mode only.
No.
Parameter
Symbol
Parameter
Description
10 MHz
20 MHz
Min
Max
Min
Max
8.192 MHz
Min
Max
Min
Max
16.384 MHz
Industrial Only
TcPc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com