Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM85C30-16JC Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM85C30-16JC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-16JC Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM85C30-16JC Datasheet HTML 60Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 61Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 62Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 63Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 64Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 65Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 66Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 67Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 68Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
A M E N D M E N T
AMD
15
Am85C30
Am85C30 HARDWARE RESET
IN SOFTWARE
In the absence of a hardware logic or a Power-On-Reset
mechanism, the following procedure should be used to
ensure that the ESCC is properly reset.
1. Power Up
2. Read RR0
(Dummy Read)
3. Read RR1
(Dummy Read)
4. Write a C0h to WR9
(Hardware Reset)
5. Read RR0
(Should expect binary
01XXX100 = typically
‘44h’)
6. Read RR1
(Should expect binary
0X000110 = typically
‘06h’)
7. Write ‘a value’ to Write Register 2
8. Read RR2
(Should get ‘a value’)
If RR2 = WR2, in steps 7 and 8, then the ESCC is prop-
erly reset.
Note: For hardware reset only steps 1 through 4 are
needed; steps 5 through 8 are mentioned simply for
confirmation. Also, this procedure is applicable to only
the first time hardware reset. Any subsequent chip
reset can be achieved by simply writing a ‘C0’
to WR9.
For further information refer to the Technical Manual
PID # 07513D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com