Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLS252012CX-1R5M Datasheet(PDF) 25 Page - Microchip Technology

Part # VLS252012CX-1R5M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLS252012CX-1R5M Datasheet(HTML) 25 Page - Microchip Technology

Back Button VLS252012CX-1R5M Datasheet HTML 21Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 22Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 23Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 24Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 25Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 26Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 27Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 28Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
 2020 Microchip Technology Inc.
DS20006388A-page 25
MCP16501
FIGURE 4-8:
Entering Hibernate Mode
Timing Diagram.
From the Hibernate state, the system can:
1.
Move to OFF state (if LPM also goes low, the
VOUT2 can be immediately turned off); or
2.
Initiate another start-up sequence (with the
exception of Buck2 which is already active) by a
low-to-high transition of PWRHLD.
The timing diagram of a start-up sequence from Hibernate
mode is shown in Figure 4-9. After the assertion of
PWRHLD, the MPU may deassert LPM at any time. Due
to internal filtering, simultaneous transition of LPM and
PWRHLD is allowed (hold time t5 can be 0 µs).
Depending on the time at which LPM is deasserted, the
MCP16501 may transition through the Low-Power
state or not.
FIGURE 4-9:
Start-up Sequence Exiting
Hibernate Mode Timing Diagram.
4.4.6
RESTART SEQUENCE AFTER
FAULT AND AUTOMATIC WAKE-UP
PULSE (AWKP)
GENERATION-MCP16501D ONLY
Due to the support for LPDDRx, which require correct
sequencing between the LPDDRx memory rails, the
MCP16501D features a different fault management
sequence. This consists in the turn-off of all channels
followed by an automatically executed restart
sequence, which ensures that the power rails will be
restarted in the correct order.
Please see Section 5.4 “Protections” for information
on which Faults may trigger a new restart sequence. In
the default configuration of the MCP16501D as soon as
a Fault is detected, the power delivery on all channels
Where:
t5 = Setup time, LPM = 1 to PWRHLD = 0:
Min. 0 µs (internal filtering applies)
t6 = Delay from PWRHLD deasserted to
nRSTO asserted: Min. 0 µs,
max. 10 µs (not a strict requirement)
t7 = Delay from nRSTO asserted to first
VOUTX turn-off: Min. 0 µs, max. 10 µs
(not a strict requirement)
Note:
Upon exit of Hibernate mode, Buck2 is not
part of the sequence because it is already
on (being in Auto-PFM mode). However,
also depending on the instant at which the
MPU deasserts LPM, it can toggle to
FPWM mode at the time nRSTO is deas-
serted.
Where:
t1 = Delay from PWRHLD asserted to first
supply VOUT1 starting (default 0.5 ms)
t3 =Time from VOUT1 established to VOUT3
starting (default 4 ms)
t4 =Time from VOUT3, established to
nRSTO deassertion (default 16 ms)
t5 = Minimum hold time, PWRHLD = 1 to
LPM = 0: Min. 0 µs (internal filtering
applies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com