Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLS252012CX-1R5M Datasheet(PDF) 16 Page - Microchip Technology

Part # VLS252012CX-1R5M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLS252012CX-1R5M Datasheet(HTML) 16 Page - Microchip Technology

Back Button VLS252012CX-1R5M Datasheet HTML 12Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 13Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 14Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 15Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 16Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 17Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 18Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 19Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MCP16501
DS20006388A-page 16
 2020 Microchip Technology Inc.
4.1
Buck Channels and Related
External Components
The MCP16501 Buck channels are based on Peak
Current mode control architecture and have internal
frequency compensation for the voltage regulation
loop. The slope compensation is optimized for induc-
tors in the 1.5 µH to 2.2 µH range. A minimum output
capacitor of 22 µF is required for stability. Output
capacitance can be increased if necessary; however,
the maximum output capacitance value should be lim-
ited to avoid engaging the Hiccup mode overcurrent
protection during the initial soft start ramp. Further
details are given in Section 5.5 “Maximum Simulta-
neous Capacitive and DC Loading in Soft Start”.
The recommended input decoupling capacitance on
each Buck channel is 4.7 µF.
The Buck channels can operate in either Forced PWM
mode (Continuous Inductor Current mode), where the
inductor current is allowed to go negative, or in Auto-
matic PFM mode, where the inductor current is
prevented from going negative through Zero-Current
Detection (ZCD) and diode emulation of the low-side
MOSFET.
The switching frequency in Forced PWM Mode is
nominally 2 MHz.
4.2
LDO Channel and Related
External Components
The MCP16501 LDO is designed for operation with
low-ESR ceramic output capacitors of 2.2 µF (minimum
value) for loads up to 150 mA, and of 4.7 µF (minimum
value) for loads up to 300 mA. The total output capaci-
tance should not exceed 20 µF. Recommended capac-
itor
part
numbers
are
given
in
Section 5.1
“Recommended External Components”.
4.3
Control Signals and Power States
4.3.1
INTERFACING SIGNALS
The MCP16501 is interfaced to the host MPU by means
of the following signals: nSTRTO (open-drain output),
nRSTO (open-drain output), PWRHLD (input) and LPM
(input).The ESD protection on each interfacing signal is
purposely designed to prevent any leakage from the
MPU I/Os, even in the case where the main input power
is removed from the MCP16501.
4.3.2
nSTRT, nSTRTO, PWRHLD
FUNCTIONALITY
The nSTRT (push button input) serves as an external
wake-up input to the PMIC+MPU system. nSTRT is
internally pulled up to VIN and monitored. When the
nSTRT is pulled/detected as low (e.g., by means of a
push button or any other pull-down device) for longer
than a minimum debouncing time, the MCP16501
initiates the turn-on sequence.
The nSTRTO signal is asserted low whenever the
nSTRT is detected to be low; otherwise, it is High-Z
(typically, nSTRTO has an external pull-up resistor).
The only exception to this input (nSTRT)/output
(nSTRTO) relationship is the so called Automatic
Wake-up Pulse (AWKP) that is described in
Section 4.4.6 “Restart Sequence After Fault and
Automatic
Wake-up
Pulse
(AWKP)
Genera-
tion-MCP16501D only”(applicable to MCP16501D
only).
After the start-up sequence has been initiated, the
MCP16501 expects the assertion of the PWRHLD
signal (Power-Hold) from the MPU to validate the
start-up. PWRHLD could already be high in a typical
application using a backup supply. If PWRHLD has not
been asserted high by the MPU before the completion
of the start-up sequence (i.e., when nRSTO is about to
be asserted high), the MCP16501 will automatically
initiate a turn-off sequence.
During run time (PWRHLD = high), the nSTRT (thus
nSTRTO) can again be asserted low. No automatic
action is taken by the MCP16501 in this case.
4.3.3
nSTRT/PWRHLD TYPICAL USE
CASES
Depending on the presence of a backup supply and the
availability of an external wake-up signal connected at
nSTRT (“Button”), four different scenarios can be
defined for the turn-on of the MCP16501, as described
in Figure 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com