Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLS252012CX-1R5M Datasheet(PDF) 42 Page - Microchip Technology

Part # VLS252012CX-1R5M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLS252012CX-1R5M Datasheet(HTML) 42 Page - Microchip Technology

Back Button VLS252012CX-1R5M Datasheet HTML 36Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 37Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 38Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 39Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 40Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 41Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 42Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 43Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
MCP16501
DS20006388A-page 41
 2020 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
/XX
Package
Device
Device:
MCP16501 Cost and Size Optimized PMIC
Tape and Reel
Option:
Blank
T
=
=
Standard packaging (tube or tray)
Tape and Reel(1)
Device Option:
A
B
C
D
E
=
=
=
=
=
A option
B option
C option
D option
E option
Junction
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package
RMB
= 24-Lead Very Thin Plastic Quad Flat, No
Lead (VQFN) Package- 4x4 mm Body
Examples:
a) MCP16501A-E/RMB:
Cost and Size Optimized PMIC,
A Option,
-40°C to +125°C,
24-Lead 4 x 4 VQFN package
b) MCP16501TA-E/RMB:
Cost and Size Optimized PMIC,
Tape and Reel, A Option,
-40°C to +125°C,
24-Lead 4 x 4 VQFN package
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
X(1)
Tape and Reel
Option
X
Junction
Temperature
Range
X
Option
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com