Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19264-05-FN-R-ST-ELED-AM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 19264-05-FN-R-ST-ELED-AM
Description  192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

19264-05-FN-R-ST-ELED-AM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 19264-05-FN-R-ST-ELED-AM Datasheet HTML 2Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 3Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 4Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 5Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 6Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 7Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 8Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 9Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 19264-05
2. ELECTRICAL / OPTICAL CHARACTERISTICS
2. ELECTRICAL / OPTICAL CHARACTERISTICS
2.1 DC Electrical Characteristics (VDD = +5V±10% , VSS = 0V, Ta = 25°C )
2.1 DC Electrical Characteristics (VDD = +5V±10% , VSS = 0V, Ta = 25°C )
Parameter
Parameter
Symbol
Symbol
Condition
Condition
Min
Min
Typ
Typ
Max
Max
Unit
Unit
Supply voltage for logic
VDD
---
4.5
5.0
5.5
V
Supply current for logic
IDD
---
---
5.5
10
mA
0°C
14.0
14.7
15.4
25°C
12.3
13.0
13.7
Operating voltage for LCD
VDD - VO
50°C
10.9
11.6
12.3
V
Input voltage ' H ' level
VIH
---
0.7VDD
---
VDD
V
Input voltage ' L ' level
VIL
---
0
---
0.3VDD
V
■ TIMING OF POWER SUPPLY
VDD
≥ 0ms
≥ 0ms
0~50ms
4.75V
GND
VOUT
SIGNAL
GND
GND
0~50ms
Note : The missing pixels may occur when the LCM is
driven except above power supply timing sequence.
POWER OFF
POWER ON
PACIFIC DISPLAY DEVICES
06.27.2003
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com