Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19264-05-FN-R-ST-ELED-AM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 19264-05-FN-R-ST-ELED-AM
Description  192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

19264-05-FN-R-ST-ELED-AM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 19264-05-FN-R-ST-ELED-AM Datasheet HTML 6Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 7Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 8Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 9Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 10Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 11Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 12Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 13Page - List of Unclassifed Manufacturers 19264-05-FN-R-ST-ELED-AM Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 19264-05
PACIFIC DISPLAY DEVICES
06.27.2003
10
2.4 LED Backlight Characteristics
■ Yellow-Green LED Operating Characteristics (Array Lit)
Standard
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
Vf
---
3.9
4.2
4.6
VDC
Forward Current
IF
---
---
71
170
mA
Standard
Item
Conditions
Min.
Max.
Unit
Life
Ta= 25 °C
100,000
---
hrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com