Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC05V12GRS/D Datasheet(PDF) 26 Page - NXP Semiconductors

Part # HC05V12GRS/D
Description  M68HC05 Core with On-Chip Oscillator for Crystal/Ceramic
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V12GRS/D Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button HC05V12GRS/D Datasheet HTML 22Page - NXP Semiconductors HC05V12GRS/D Datasheet HTML 23Page - NXP Semiconductors HC05V12GRS/D Datasheet HTML 24Page - NXP Semiconductors HC05V12GRS/D Datasheet HTML 25Page - NXP Semiconductors HC05V12GRS/D Datasheet HTML 26Page - NXP Semiconductors HC05V12GRS/D Datasheet HTML 27Page - NXP Semiconductors HC05V12GRS/D Datasheet HTML 28Page - NXP Semiconductors HC05V12GRS/D Datasheet HTML 29Page - NXP Semiconductors HC05V12GRS/D Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 240 page
background image
General Description
General Release Specification
MC68HC05V12 — Rev. 1.0
General Description
1.6.1 VDD and VSSD
These pins provide power to all the microcontroller’s digital circuits. The
short rise and fall times of the MCU supply current transients place very
high short-duration current demands on the internal power supply. To
prevent noise problems, special care should be taken to provide good
power supply bypassing at the MCU by using bypass capacitors with
good high-frequency characteristics that are positioned as close to the
MCU supply pins as possible. Two sets of VDD and VSS pins are required
to maintain on-chip supply noise within acceptable limits. Each supply
pin pair will require its own decoupling capacitor. These are high-current
pins.
1.6.2 VSSA
VSSA is a separate ground pad which provides a ground return for the
analog-to-digital (A/D) subsystem and the digital-to-analog (D/A) gauge
subsystem. To prevent digital noise contamination, this pin should be
connected directly to a low-impedance ground reference point.
1.6.3 VCCA
VCCA is a separate supply pin providing power to the analog subsystems
of the A/D converter and gauge drivers. This pin must be connected to
the VDD pin externally. To prevent contamination from the digital supply,
this pin should be adequately decoupled to a low-impedance ground
reference.
1.6.4 VREFH and VREFL
VREFH is the positive (high) reference voltage for the A/D subsystem.
VREFL is the negative (low) reference voltage for the A/D subsystem.
VREFH and VREFL should be isolated from the digital supplies to prevent
any loss of accuracy from the A/D converter.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com