Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10M02DAY256C6G Datasheet(PDF) 12 Page - Intel Corporation

Part # 10M02DAY256C6G
Description  Intel® MAX® 10 FPGA Device Overview
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

10M02DAY256C6G Datasheet(HTML) 12 Page - Intel Corporation

Back Button 10M02DAY256C6G Datasheet HTML 6Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 7Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 8Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 9Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 10Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 11Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 12Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 13Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 14Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
•
Zero delay buffer
•
Counter reconfiguration
•
Bandwidth reconfiguration
•
Programmable output duty cycle
•
PLL cascading
•
Reference clock switchover
•
Driving of the ADC block
FPGA General Purpose I/O
The Intel MAX 10 I/O buffers support a range of programmable features.
These features increase the flexibility of I/O utilization and provide an alternative to
reduce the usage of external discrete components such as a pull-up resistor and a PCI
clamp diode.
External Memory Interface
Dual-supply Intel MAX 10 devices feature external memory interfaces solution that
uses the I/O elements on the right side of the devices together with the UniPHY IP.
With this solution, you can create external memory interfaces to 16-bit SDRAM
components with error correction coding (ECC).
Note:
The external memory interface feature is available only for dual-supply Intel MAX 10
devices.
Table 11.
External Memory Interface Performance
External Memory
Interface(3)
I/O Standard
Maximum Width
Maximum Frequency (MHz)
DDR3 SDRAM
SSTL-15
16 bit + 8 bit ECC
303
DDR3L SDRAM
SSTL-135
16 bit + 8 bit ECC
303
DDR2 SDRAM
SSTL-18
16 bit + 8 bit ECC
200
LPDDR2 SDRAM
HSUL-12
16 bit without ECC
200(4)
Related Information
External Memory Interface Spec Estimator
Provides a parametric tool that allows you to find and compare the performance of
the supported external memory interfaces in Intel FPGAs.
(3) The device hardware supports SRAM. Use your own design to interface with SRAM devices.
(4) To achieve the specified performance, constrain the memory device I/O and core power
supply variation to within ±3%. By default, the frequency is 167 MHz.
Intel® MAX® 10 FPGA Device Overview
683658 | 2021.11.01
Intel® MAX® 10 FPGA Device Overview
Send Feedback
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com